データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC2903DW データシート(PDF) 7 Page - Texas Instruments

部品番号 UC2903DW
部品情報  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC2903DW データシート(HTML) 7 Page - Texas Instruments

Back Button UC2903DW Datasheet HTML 3Page - Texas Instruments UC2903DW Datasheet HTML 4Page - Texas Instruments UC2903DW Datasheet HTML 5Page - Texas Instruments UC2903DW Datasheet HTML 6Page - Texas Instruments UC2903DW Datasheet HTML 7Page - Texas Instruments UC2903DW Datasheet HTML 8Page - Texas Instruments UC2903DW Datasheet HTML 9Page - Texas Instruments UC2903DW Datasheet HTML 10Page - Texas Instruments UC2903DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Fault Windows Scaled Independently
Fault window for the Sense Input,
in percent, is:
–10 (VADJ) •
R3 + R1R2/(
R1 + R2)
R3
,
for:
VS (NOM) •
R2
R1 + R2
=2.5V
Monitored
SupplyVoltage
VS
R1
R2
R3
UC1903
SENSE1-4INPUT
2.5V
REF.
Fault window for the sense input, in percent, is:
R2
R1 + R2
SENSE
INPUT
R1
R2
UC1903
G.P.OP-AMP
2.5V
REF.
SENSE1-4INPUT
±10(V
)
ADJ
UC1903
UC2903
UC3903
www.ti.com ........................................................................................................................................ SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008
In many applications, it may be desirable to monitor various supply voltages, or voltage levels, with varying fault
windows. Using the reference output and external resistive dividers this is easily accomplished with the UC1903.
Figure 3 and Figure 4 illustrate how the fault window at any sense input can be scaled independently of the
remaining inputs.
A.
Using the reference output and a resistive divider, a sense input with an independently wider fault window can be
generated.
Figure 3. UC1903 Sense Input with an Independently Wider Fault Window
A.
The general purpose op-amp on the UC1903 can be used to create a sense input with an independently tighter fault
window.
Figure 4. UC1903 Sense Input with an Independently Tighter Fault Window
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC1903 UC2903 UC3903


同様の部品番号 - UC2903DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2903DW TI1-UC2903DW Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWG4 TI1-UC2903DWG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWTR TI1-UC2903DWTR Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC2903DWTRG4 TI1-UC2903DWTRG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

同様の説明 - UC2903DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com