データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC37132D データシート(PDF) 6 Page - Texas Instruments

部品番号 UC37132D
部品情報  Smart Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC37132D データシート(HTML) 6 Page - Texas Instruments

Back Button UC37132D Datasheet HTML 2Page - Texas Instruments UC37132D Datasheet HTML 3Page - Texas Instruments UC37132D Datasheet HTML 4Page - Texas Instruments UC37132D Datasheet HTML 5Page - Texas Instruments UC37132D Datasheet HTML 6Page - Texas Instruments UC37132D Datasheet HTML 7Page - Texas Instruments UC37132D Datasheet HTML 8Page - Texas Instruments UC37132D Datasheet HTML 9Page - Texas Instruments UC37132D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
UC17131/2/3
UC27131/2/3
UC37131/2/3
Reference
The UC37131/2/3 family of devices features a 6V
bandgap reference that is used to bias on-chip logic. Al-
though the 6V reference is not trimmed, this bandgap ref-
erence provides less than 200ppm/°C. It is also used to
generate the on-chip 3V input comparator threshold and
is needed for the programmable hysteresis. The on-chip
reference has 8mA maximum current sourcing capacity
that is designed to power up external circuitry.
Input Comparator
The input comparator is a high gain comparator with hys-
teresis that fully switches with either a small signal
(30mV, minimum for 1% hysteresis) or a logic signal (0 to
6V max). Only a 5mV overdrive of the 3V threshold is
needed to switch the driver.
The hysteresis is set to 30% on the UC37131 and
UC37133. (This is 30% of 3V equating to 0.9V of hyster-
esis.) On the UC37132 it is programmable from 1% to
30%.
Fault Logic
The output of the comparator is logic ANDed with the
output of the fault logic. If a fault, either a power interrupt
or an overcurrent condition, persists longer than it takes
for the CDEL to discharge from its VCDEL_MAX level of
5.8V to its VFAULT_L of 1.3V, the fault protection block will
output a logic 0 to the NAND gate and turn off the output
driver. If the fault goes away prior to CDEL being dis-
charged to 1.3V, the chip will resume normal operation
without going through a turn-on delay.
The power interrupt normal operation consists of the chip
turning the driver immediately back on if the interrupt
goes away prior to CDEL reaching its lower threshold as
described above. The CDEL capacitor is chosen based
upon the maximum power interrupt time (tINT) allowed
without the output experiencing a turn-on delay. This in-
terrupt time must be less than tD(OFF) where tD(OFF) is
equal to the time it takes the CDEL capacitor to dis-
charge from VCDEL_MAX (5.8V) to VFAULT_L (1.3V) with a
discharge current of approximately 94
µA. If the power
stays off only as long as tD(OFF), the minimum power up
delay will be equal to the time it takes to charge CDEL
from VFAULT_L (1.3V) to VFAULT_H (4.9V) with a charge
current of approximately 4
µA. If the power stays off lon-
ger than this time, then a power up delay will be initial-
ized once power is resumed. This delay is the time it
takes for CDEL to charge from 0V to VFAULT_H of 4.9V.
The overcurrent fault normal operation consists of the
chip staying off until CDEL fully recharges to VFAULT_H of
4.9V. This is tR(OFF). Once CDEL reaches 4.9V, the driver
will turn back on. If the overcurrent fault is still present,
the chip will operate in a very low duty cycle (approxi-
mately 0.7%) based on the discharge (driver on) and
charge time (driver off) of the CDEL capacitor. This
overcurrent timing makes the chip act "smart" by allowing
very high currents needed to drive large capacitive loads
without setting off an overcurrent fault.
The overcurrent and current limit thresholds are pro-
grammed with the resistor RCSH from CSH to VCC (high
side) or RCSL from CSL to GND (low side). For example,
a 150mV (ILOAD • RCSH) threshold will set the high side
overcurrent fault threshold. An overall short circuit protec-
tion threshold is set at 300mV. Therefore, the recom-
mended RCSH of 0.5Ω will result in the 600mA short
circuit. By changing the RCSH value the user can opti-
mally set the overcurrent and short circuit current limits.
Output Driver
Once the turn-on signal is gated through from the input
comparator, the output transistor is turned on. The output
drive transistor is a composite PNP, NPN structure. This
is a specially designed structure that keeps all the drive
current needed for the load to be sourced through the LS
pin. This keeps the overall power dissipation to less than
4mA independent of the load.
The output driver also has a 72V zener diode wired be-
tween its base and collector. This allows the output to
swing and clamp to 72V above ground when discharging
an inductive load in a low side application. The inductive
zener clamp can discharge the 250mA to 400mA full
load current. This consequently allows the LS pin to
safely swing above VCC. Similarly, the 72V zener diode
will allow the HS pin to safely swing and clamp 72V be-
low LS/VCC when discharging an inductive load in a high
side application. This 72V zener diode simplifies the user
application by eliminating the need for external clamp di-
odes.
DESCRIPTION OF OPERATION


同様の部品番号 - UC37132D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC37132 TI-UC37132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC37132 TI-UC37132 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
More results

同様の説明 - UC37132D

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com