データシートサーチシステム |
|
ULN2001AN データシート(PDF) 7 Page - Texas Instruments |
|
ULN2001AN データシート(HTML) 7 Page - Texas Instruments |
7 / 28 page ULN2002A, ULN2003A, ULN2003AI, ULN2004A ULQ2003A, ULQ2004A www.ti.com SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013 SWITCHING CHARACTERISTICS TA = 25°C ULN2002A, ULN2003A, ULN2004A PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 0.25 1 μs tPHL Propagation delay time, high- to low-level output See Figure 9 0.25 1 μs VOH High-level output voltage after switching VS = 50 V, IO = 300 mA, See Figure 10 VS – 20 mV SWITCHING CHARACTERISTICS TA = 25°C ULN2003AI PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 0.25 1 μs tPHL Propagation delay time, high- to low-level output See Figure 9 0.25 1 μs VOH High-level output voltage after switching VS = 50 V, IO ≈ 300 mA, See Figure 10 VS – 20 mV SWITCHING CHARACTERISTICS TA = –40°C to 105°C ULN2003AI PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 1 10 μs tPHL Propagation delay time, high- to low-level output See Figure 9 1 10 μs VOH High-level output voltage after switching VS = 50 V, IO ≈ 300 mA, See Figure 10 VS – 50 mV SWITCHING CHARACTERISTICS over recommended operating conditions (unless otherwise noted) ULQ2003A, ULQ2004A PARAMETER TEST CONDITIONS UNIT MIN TYP MAX tPLH Propagation delay time, low- to high-level output See Figure 9 1 10 μs tPHL Propagation delay time, high- to low-level output See Figure 9 1 10 μs VOH High-level output voltage after switching VS = 50 V, IO = 300 mA, See Figure 10 VS – 20 mV Copyright © 1976–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A |
同様の部品番号 - ULN2001AN |
|
同様の説明 - ULN2001AN |