データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003APWRG4 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 ULN2003APWRG4
部品情報  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003APWRG4 データシート(HTML) 9 Page - Texas Instruments

Back Button ULN2003APWRG4 Datasheet HTML 5Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 6Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 7Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 8Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 9Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 10Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 11Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 12Page - Texas Instruments ULN2003APWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
90%
90%
1.5 V
1.5 V
10%
10%
40 µs
≤10 ns
≤5 ns
VIH
(see Note C)
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
200 W
ULN2002A, ULN2003A, ULN2003AI, ULN2004A
ULQ2003A, ULQ2004A
www.ti.com
SLRS027M – DECEMBER 1976 – REVISED FEBRUARY 2013
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Propagation Delay-Time Waveforms
A.
The pulse generator has the following characteristics: PRR = 12.5 kHz, ZO = 50 Ω.
B.
CL includes probe and jig capacitance.
C.
For testing the ULN2003A, ULN2003AI, and ULQ2003A, VIH = 3 V; for the ULN2002A, VIH = 13 V; for the ULN2004A
and the ULQ2004A, VIH = 8 V.
Figure 10. Latch-Up Test Circuit and Voltage Waveforms
Copyright © 1976–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ULN2002A ULN2003A ULN2003AI ULN2004A ULQ2003A ULQ2004A


同様の部品番号 - ULN2003APWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULN2003APWRG4 TI-ULN2003APWRG4 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2003APWRG4 TI-ULN2003APWRG4 Datasheet
859Kb / 26P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
ULN2003APWRG4 TI1-ULN2003APWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003APWRG4 TI1-ULN2003APWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULN2003APWRG4 TI1-ULN2003APWRG4 Datasheet
1Mb / 39P
[Old version datasheet]   ULN200x, ULQ200x High-Voltage, High-Current Darlington Transistor Arrays
JULY 2022
More results

同様の説明 - ULN2003APWRG4

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com