データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP7182 データシート(PDF) 11 Page - Anachip Corp

部品番号 ADP7182
部品情報  ??8 V, ??00 mA, Low Noise, Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANACHIP [Anachip Corp]
ホームページ  
Logo ANACHIP - Anachip Corp

ADP7182 データシート(HTML) 11 Page - Anachip Corp

Back Button ADP7182 Datasheet HTML 7Page - Anachip Corp ADP7182 Datasheet HTML 8Page - Anachip Corp ADP7182 Datasheet HTML 9Page - Anachip Corp ADP7182 Datasheet HTML 10Page - Anachip Corp ADP7182 Datasheet HTML 11Page - Anachip Corp ADP7182 Datasheet HTML 12Page - Anachip Corp ADP7182 Datasheet HTML 13Page - Anachip Corp ADP7182 Datasheet HTML 14Page - Anachip Corp ADP7182 Datasheet HTML 15Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP7182
Rev. A | Page 11 of 28
0
–200
–400
–600
–800
–1000
–1200
–1600
–1400
–5.4
–5.2
–5.0
–4.8
VIN (V)
ILOAD = –5mA
ILOAD = –10mA
ILOAD = –25mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 25. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = −5 V
–1.770
–1.775
–1.780
–1.785
–1.790
–1.795
–1.800
–1.805
–1.810
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 26. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −1.8 V
–1.790
–1.795
–1.800
–1.805
–1.810
–200
–150
–100
–50
0
ILOAD (mA)
Figure 27. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −1.8 V
–1.780
–1.785
–1.790
–1.795
–1.800
–1.805
–1.810
–30
–25
–20
–15
–10
–5
0
VIN (V)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 28. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −1.8 V
0
–100
–200
–300
–400
–500
–600
–700
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
ILOAD = –100µA
ILOAD = –1mA
ILOAD = –10mA
ILOAD = –50mA
ILOAD = –100mA
ILOAD = –200mA
Figure 29. Ground Current vs. Junction Temperature (TJ), VOUT = −1.8 V
0
–100
–300
–500
–200
–400
–600
–700
–200
–150
–100
–50
0
ILOAD (mA)
Figure 30. Ground Current vs. Load Current (ILOAD), VOUT = −1.8 V


同様の部品番号 - ADP7182

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP7182 AD-ADP7182 Datasheet
995Kb / 31P
   Positive or negative enable logic
ADP7182 AD-ADP7182 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADP7182 AD-ADP7182 Datasheet
761Kb / 18P
   0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
ADP7182ACPZ-5.0-R7 AD-ADP7182ACPZ-5.0-R7 Datasheet
995Kb / 31P
   Positive or negative enable logic
ADP7182ACPZ-R7 AD-ADP7182ACPZ-R7 Datasheet
995Kb / 31P
   Positive or negative enable logic
More results

同様の説明 - ADP7182

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS7A3401 TI-TPS7A3401_15 Datasheet
997Kb / 27P
[Old version datasheet]   TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
logo
Analog Devices
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
   40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
   300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com