データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI8416DB データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI8416DB
部品情報  N-Channel 8 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8416DB データシート(HTML) 2 Page - Vishay Siliconix

  SI8416DB Datasheet HTML 1Page - Vishay Siliconix SI8416DB Datasheet HTML 2Page - Vishay Siliconix SI8416DB Datasheet HTML 3Page - Vishay Siliconix SI8416DB Datasheet HTML 4Page - Vishay Siliconix SI8416DB Datasheet HTML 5Page - Vishay Siliconix SI8416DB Datasheet HTML 6Page - Vishay Siliconix SI8416DB Datasheet HTML 7Page - Vishay Siliconix SI8416DB Datasheet HTML 8Page - Vishay Siliconix SI8416DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 63716
S11-2526-Rev. A, 26-Dec-11
Vishay Siliconix
Si8416DB
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. Maximum under steady state conditions is 85 °C/W.
c. Case is defined as top surface of the package.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
RthJA
37
45
°C/W
Maximum Junction-to-Case (Drain)c
Steady State
RthJC
79.5
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 µA
8V
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
2.2
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
- 2.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.35
0.80
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 5 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 8 V, VGS = 0 V
1
µA
VDS = 8 V, VGS = 0 V, TJ = 70 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
5A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 1.5 A
0.019
0.023
Ω
VGS = 2.5 V, ID = 1 A
0.021
0.025
VGS = 1.8 V, ID = 1 A
0.023
0.030
VGS = 1.5 V, ID = 0.5 A
0.027
0.040
VGS = 1.2 V, ID = 0.5 A
0.040
0.095
Forward Transconductancea
gfs
VDS = 4 V, ID = 1.5 A
22
S
Dynamicb
Input Capacitance
Ciss
VDS = 4 V, VGS = 0 V, f = 1 MHz
1470
pF
Output Capacitance
Coss
580
Reverse Transfer Capacitance
Crss
450
Total Gate Charge
Qg
VDS = 4 V, VGS = 4.5 V, ID = 1.5 A
17
26
nC
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
3.4
Gate Resistance
Rg
VGS = 0.1 V, f = 1 MHz
2.5
Ω
Turn-On Delay Time
td(on)
VDD = 4 V, RL = 2.7 Ω
ID ≅ 1.5 A, VGEN = 4.5 V, Rg = 1 Ω
13
25
ns
Rise Time
tr
15
30
Turn-Off Delay Time
td(off)
40
80
Fall Time
tf
10
20


同様の部品番号 - SI8416DB

メーカー部品番号データシート部品情報
logo
Vishay Telefunken
SI8416DB TFUNK-SI8416DB Datasheet
169Kb / 8P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8416DB VISHAY-SI8416DB Datasheet
172Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI8416DB VISHAY-SI8416DB_V01 Datasheet
172Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI8416DB

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com