データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDG6332C データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDG6332C
部品情報  20V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6332C データシート(HTML) 6 Page - Fairchild Semiconductor

  FDG6332C Datasheet HTML 1Page - Fairchild Semiconductor FDG6332C Datasheet HTML 2Page - Fairchild Semiconductor FDG6332C Datasheet HTML 3Page - Fairchild Semiconductor FDG6332C Datasheet HTML 4Page - Fairchild Semiconductor FDG6332C Datasheet HTML 5Page - Fairchild Semiconductor FDG6332C Datasheet HTML 6Page - Fairchild Semiconductor FDG6332C Datasheet HTML 7Page - Fairchild Semiconductor FDG6332C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDG6332C Rev C2 (W)
Typical Characteristics: P-Channel
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
-VDS, DRAIN-SOURCE VOLTAGE (V)
-3.5V
-2.5V
-2.0V
VGS = -4.5V
-3.0V
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
-ID, DRAIN CURRENT (A)
VGS = -2.5V
-3.0V
-3.5V
-4.5V
-4.0V
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -0.6A
VGS = -4.5V
0.2
0.4
0.6
0.8
1
1.2
1
2
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.3 A
TA = 125
oC
TA = 25
oC
Figure 13. On-Resistance Variation with
Temperature.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
0
0.5
1
1.5
2
0.5
1
1.5
2
2.5
3
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 15. Transfer Characteristics.
Figure 16. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDG6332C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6332C_F085 FAIRCHILD-FDG6332C_F085 Datasheet
284Kb / 8P
   20V N & P-Channel PowerTrench짰MOSFETs
More results

同様の説明 - FDG6332C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
   20V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com