データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2901DR2G データシート(PDF) 2 Page - ON Semiconductor

部品番号 LM2901DR2G
部品情報  Single Supply Quad Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2901DR2G データシート(HTML) 2 Page - ON Semiconductor

  LM2901DR2G Datasheet HTML 1Page - ON Semiconductor LM2901DR2G Datasheet HTML 2Page - ON Semiconductor LM2901DR2G Datasheet HTML 3Page - ON Semiconductor LM2901DR2G Datasheet HTML 4Page - ON Semiconductor LM2901DR2G Datasheet HTML 5Page - ON Semiconductor LM2901DR2G Datasheet HTML 6Page - ON Semiconductor LM2901DR2G Datasheet HTML 7Page - ON Semiconductor LM2901DR2G Datasheet HTML 8Page - ON Semiconductor LM2901DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM339, LM239, LM2901, LM2901V, NCV2901, MC3302
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
LM239/LM339/LM2901, V
MC3302
VCC
+36 or ±18
+30 or ±15
Vdc
Input Differential Voltage Range
LM239/LM339/LM2901, V
MC3302
VIDR
36
30
Vdc
Input Common Mode Voltage Range
VICMR
−0.3 to VCC
Vdc
Output Short Circuit to Ground (Note 1)
ISC
Continuous
Power Dissipation @ TA = 25°C
Plastic Package
Derate above 25°C
PD
1/RqJA
1.0
8.0
W
mW/°C
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
LM239
MC3302
LM2901
LM2901V, NCV2901
LM339
TA
−25 to +85
−40 to +85
−40 to +105
−40 to +125
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
ESD Protection at any Pin (Note 2)
Human Body Model
Machine Model
VESD
1500
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum output current may be as high as 20 mA, independent of the magnitude of VCC. Output short circuits to VCC can cause excessive
heating and eventual destruction.
2. VESD rating for NCV/SC devices is: Human Body Model − 2000 V; Machine Model − 200 V.
Figure 1. Circuit Schematic
VCC
+ Input
- Input
Output
GND
NOTE: Diagram shown is for 1 comparator.


同様の部品番号 - LM2901DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM2901DR2G ONSEMI-LM2901DR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

同様の説明 - LM2901DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339S ONSEMI-LM339S Datasheet
80Kb / 6P
   Single Supply Quad Comparators
October, 2014 ??Rev. 0
NCV2901 ONSEMI-NCV2901 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339 ONSEMI-LM339_07 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_16 Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Advanced Monolithic Sys...
AMS339 AMS-AMS339 Datasheet
229Kb / 2P
   QUAD SINGLE SUPPLY COMPARATORS
logo
Shenzhen Luguang Electr...
LM339 LUGUANG-LM339 Datasheet
420Kb / 2P
   Quad Single Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339_V01 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com