データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDN359 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDN359
部品情報  N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN359 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDN359 Datasheet HTML 1Page - Fairchild Semiconductor FDN359 Datasheet HTML 2Page - Fairchild Semiconductor FDN359 Datasheet HTML 3Page - Fairchild Semiconductor FDN359 Datasheet HTML 4Page - Fairchild Semiconductor FDN359 Datasheet HTML 5Page - Fairchild Semiconductor FDN359 Datasheet HTML 6Page - Fairchild Semiconductor FDN359 Datasheet HTML 7Page - Fairchild Semiconductor FDN359 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (T
A = 25
OC unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 µA
30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
23
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = 24 V, VGS = 0 V
1
µA
T
J = 55°C
10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 20 V,VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = 250 µA
1
1.6
3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
-4
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = 10 V, ID = 2.7 A
0.037
0.046
T
J =125°C
0.055
0.075
V
GS = 4.5 V, ID = 2.4 A
0.049
0.06
I
D(ON)
On-State Drain Current
V
GS = 10 V, VDS = 5 V
15
A
g
FS
Forward Transconductance
V
DS = 5 V, ID = 2.7 A
9.5
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = 10 V, VGS = 0 V,
f = 1.0 MHz
480
pF
C
oss
Output Capacitance
120
pF
C
rss
Reverse Transfer Capacitance
45
pF
SWITCHING CHARACTERISTICS (Note)
t
D(on)
Turn - On Delay Time
V
DD = 5 V, ID = 1 A,
V
GS = 4.5 V, RGEN = 6
6
12
ns
t
r
Turn - On Rise Time
13
24
ns
t
D(off)
Turn - Off Delay Time
15
27
ns
t
f
Turn - Off Fall Time
4
10
ns
Q
g
Total Gate Charge
V
DS = 10 V, ID = 2.7 A,
V
GS = 5 V
5
7
nC
Q
gs
Gate-Source Charge
1.4
nC
Q
gd
Gate-Drain Charge
1.6
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
0.42
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.42 A (Note)
0.65
1.2
V
Note:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Typical RθJA using the board layouts shown below on FR-4 PCB in a still air environment :
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDN359AN Rev.C
a. 250
oC/W when mounted on
a 0.02 in
2 pad of 2oz Cu.
b. 270
oC/W when mounted on
a minimum pad.


同様の部品番号 - FDN359

メーカー部品番号データシート部品情報
logo
Guangdong Youtai Semico...
FDN359A UMW-FDN359A Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359AN UMW-FDN359AN Datasheet
415Kb / 5P
   N-Channel 30 V (D-S) MOSFET
FDN359B UMW-FDN359B Datasheet
423Kb / 6P
   N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
FDN359BN FAIRCHILD-FDN359BN Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results

同様の説明 - FDN359

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com