データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6000-680K-RC データシート(PDF) 1 Page - Bourns Electronic Solutions

部品番号 6000-680K-RC
部品情報  Radial Lead RF Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6000-680K-RC データシート(HTML) 1 Page - Bourns Electronic Solutions

  6000-680K-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15.1
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
Radial Lead RF Chokes
9.0
Max.
12.2
Max.
0.7
10 Min.
5.0
-/+0.3
Dimensions: mm
Special Features
• High current capacity
• Ferrite bobbin core
• Low core loss at frequency
• High reliability, efficiency
• Winding covered with shrink tubing
• Fixed lead spacing
• Operating temperature -55 to +105 °C
Notes
* Current to cause 5 % max. inductance drop
6000 Series
Part
Number
L (µH)
±20 %
Q
Min.
Test
Freq.
(MHz)
SRF
(MHz)
Min.
DCR
Max.
I, DC*
(A)
6000-1R0M-RC
1.0
20
7.96
150
0.013
10
6000-1R5M-RC
1.5
20
7.96
130
0.016
8.5
6000-2R2M-RC
2.2
20
7.96
100
0.021
6.5
6000-3R3M-RC
3.3
20
7.96
79
0.025
5.5
6000-4R7M-RC
4.7
20
7.96
51
0.030
4.6
6000-6R8M-RC
6.8
20
7.96
29
0.035
4.1
±10 %
6000-100K-RC
10
50
2.52
14
0.045
3.4
6000-120K-RC
12
50
2.52
13
0.050
3.1
6000-150K-RC
15
50
2.52
12
0.056
2.9
6000-180K-RC
18
40
2.52
11
0.061
2.66
6000-220K-RC
22
40
2.52
9.2
0.070
2.4
6000-270K-RC
27
40
2.52
8.5
0.080
2.22
6000-330K-RC
33
30
2.52
7.8
0.090
2.05
6000-390K-RC
39
30
2.52
6.9
0.10
1.85
6000-470K-RC
47
30
2.52
6.5
0.16
1.77
6000-560K-RC
56
30
2.52
5.4
0.18
1.48
6000-680K-RC
68
30
2.52
4.9
0.21
1.36
6000-820K-RC
82
30
2.52
4.1
0.23
1.3
6000-101K-RC
100
20
0.796
3.7
0.28
1.4
6000-121K-RC
120
20
0.796
3.4
0.32
1.25
6000-151K-RC
150
20
0.796
3.2
0.37
1.15
6000-181K-RC
180
20
0.796
2.8
0.58
1.08
6000-221K-RC
220
20
0.796
2.7
0.65
1.0
6000-271K-RC
270
20
0.796
2.4
0.75
0.90
6000-331K-RC
330
20
0.796
2.3
0.85
0.78
6000-391K-RC
390
20
0.796
2.1
1.0
0.74
6000-471K-RC
470
20
0.796
1.9
1.1
0.68
6000-561K-RC
560
20
0.796
1.8
1.4
0.64
6000-681K-RC
680
20
0.796
1.6
1.6
0.59
6000-821K-RC
820
20
0.796
1.5
1.8
0.56
6000-102K-RC
1000
20
0.252
1.3
2.9
0.51
6000-122K-RC
1200
15
0.252
1.2
3.4
0.48
6000-152K-RC
1500
15
0.252
1.1
3.8
0.43
6000-182K-RC
1800
15
0.252
1.0
5.3
0.39
6000-222K-RC
2200
15
0.252
0.8
5.9
0.36
6000-272K-RC
2700
15
0.252
0.7
8.2
0.32
6000-332K-RC
3300
15
0.252
0.6
9.1
0.29
6000-392K-RC
3900
15
0.252
0.55
9.9
0.27
6000-472K-RC
4700
15
0.252
0.5
13.6
0.24
6000-562K-RC
5600
15
0.252
0.45
14.9
0.22
6000-682K-RC
6800
15
0.252
0.4
20.7
0.20
6000-822K-RC
8200
15
0.252
0.35
22.7
0.18
6000-103K-RC
10,000
15
0.079
0.32
25.1
0.17
6000-123K-RC
12,000
15
0.079
0.28
34.7
0.15
6000-153K-RC
15,000
15
0.079
0.25
48.9
0.14
6000-183K-RC
18,000
15
0.079
0.23
53.6
0.12
6000-223K-RC
22,000
15
0.079
0.21
59.3
0.11
6000-273K-RC
27,000
15
0.079
0.19
82.7
0.10
6000-333K-RC
33,000
15
0.079
0.17
91.5
0.09
6000-393K-RC
39,000
15
0.079
0.15
125.5
0.08
6000-473K-RC
47,000
15
0.079
0.12
137.8
0.08
Model 6000 is currently available,
although not recommended for new
designs. Model RLB9012 is preferred.
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


同様の部品番号 - 6000-680K-RC

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
6000-6R8M BOURNS-6000-6R8M Datasheet
624Kb / 1P
   Radial Lead RF Chokes
More results

同様の説明 - 6000-680K-RC

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
6000-6R8M BOURNS-6000-6R8M Datasheet
624Kb / 1P
   Radial Lead RF Chokes
logo
List of Unclassifed Man...
3443-00K ETC1-3443-00K Datasheet
29Kb / 1P
   Radial Lead Power Chokes
logo
API Delevan
3443R API-3443R Datasheet
1Mb / 1P
   Radial Lead Power Chokes
logo
Bourns Electronic Solut...
RL822-1R0K-RC BOURNS-RL822-1R0K-RC Datasheet
181Kb / 1P
   Radial Lead RF Choke DC/DC converters Desktop notebooks Output chokes
RL895-100M-RC BOURNS-RL895-100M-RC Datasheet
1Mb / 1P
   Radial Lead RF Choke
RL187-101J-RC BOURNS-RL187-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL110-100M-RC BOURNS-RL110-100M-RC Datasheet
883Kb / 1P
   Radial Lead RF Choke
RL181S-102J-RC BOURNS-RL181S-102J-RC Datasheet
147Kb / 1P
   Radial Lead RF Choke
RL262-101J-RC BOURNS-RL262-101J-RC Datasheet
170Kb / 1P
   Radial Lead RF Choke
RL855-100M-RC BOURNS-RL855-100M-RC Datasheet
857Kb / 1P
   Radial Lead RF Choke
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com