データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1230 データシート(PDF) 10 Page - Agilent(Hewlett-Packard)

部品番号 U1230
部品情報  Handheld Digital Multimeter (DMM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1230 データシート(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button U1230 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1230 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.agilent.com
www.agilent.com/find/dmm
Agilent Email Updates
www.agilent.com/find/emailupdates
Get the latest information on the
products and applications you select.
www.lxistandard.org
LAN eXtensions for Instruments puts
the power of Ethernet and the Web
inside your test systems. Agilent
is a founding member of the LXI
consortium.
Agilent Channel Partners
www.agilent.com/find/channelpartners
Get the best of both worlds: Agilent’s
measurement expertise and product
breadth, combined with channel
partner convenience.
www.axiestandard.org
AdvancedTCA® Extensions for
Instrumentation and Test (AXIe) is
an open standard that extends the
AdvancedTCA® for general purpose
and semiconductor test. Agilent
is a founding member of the AXIe
consortium.
http://www.pxisa.org
PCI eXtensions for Instrumentation
(PXI) modular instrumentation
delivers a rugged, PC-based high-
performance measurement and
automation system.
Agilent Advantage Services is com-
mitted to your success throughout
your equipment’s lifetime. We share
measurement and service expertise
to help you create the products that
change our world. To keep you com-
petitive, we continually invest in tools
and processes that speed up calibra-
tion and repair, reduce your cost of
ownership, and move us ahead of
your development curve.
www.agilent.com/quality
www.agilent.com/find/advantageservices
For more information on Agilent
Technologies’ products, applications or
services, please contact your local Agilent
office. The complete list is available at:
www.agilent.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
(11) 4197 3500
Mexico
01800 5064 800
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries (65) 375 8100
Europe & Middle East
Belgium
32 (0) 2 404 93 40
Denmark
45 70 13 15 15
Finland
358 (0) 10 855 2100
France
0825 010 700*
*0.125 €/minute
Germany
49 (0) 7031 464 6333
Ireland
1890 924 204
Israel
972-3-9288-504/544
Italy
39 02 92 60 8484
Netherlands
31 (0) 20 547 2111
Spain
34 (91) 631 3300
Sweden
0200-88 22 55
United Kingdom
44 (0) 118 9276201
For other unlisted Countries:
www.agilent.com/find/contactus
Revised: October 14, 2010
Product specifications and descriptions
in this document subject to change
without notice.
© Agilent Technologies, Inc. 2011
Printed in USA, May 6, 2011
5990-7550EN


同様の部品番号 - U1230

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1230 KEYSIGHT-U1230 Datasheet
2Mb / 13P
   Digital Multimeters (DMMs)
More results

同様の説明 - U1230

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
   U1241A/U1242A Handheld Digital Multimeter
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
DMM7510 TEKTRONIX-DMM7510 Datasheet
1Mb / 27P
   DMM 7510 7쩍-Digit Graphical Sampling Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34450A KEYSIGHT-34450A Datasheet
2Mb / 12P
   34450A Multimeter 5.5 Digit Dual Display, Benchtop DMM
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com