データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1600 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 U1600
部品情報  U1600 Series Handheld Digital Oscilloscopes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1600 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
SCOPE SPECIFICATIONS[1]
Vertical System: Scope Channels
Bandwidth (–3 dB)
U1602A/U1602B: DC to 20 MHz
U1604A/U1604B: DC to 40 MHz
DC vertical gain accuracy
5 mV/div to 20 mV/div: ± 5% full scale
50 mV/div to 100 V/div: ± 3% full scale
Scope Channel Triggering
Trigger sensitivity
DC to 5 MHz: 0.8 divisions
U1602A/U1602B: 5 MHz to 20 MHz – 1 division
U1604A/U1604B: 5 MHz to 40 MHz – 1 division
SCOPE CHARACTERISTICS[2]
Acquisition: Scope Channels
Maximum sample rate
100 MSa/s per channel (50 s/div to 250 ns/div)3
200 MSa/s single channel and interleaved (125 ns/div)4
Equivalent sample rate
U1604A/U1604B: 2.5 GSa/s (125 ns/div to 10 ns/div)
Vertical resolution
8 bits
Maximum recording length:
U1602A/U1604A: Up to 11 100 points, viewable on screen with zoom function
U1602B/U1604B: Up to 125 000 points, viewable on screen with zoom function
Peak detection
5 ns
Average
Selectable in average number of 2, 4, 8, 16, 32, 64, 128, 256
Vertical System: Scope Channels
Analog channels
Channel 1 and Channel 2 simultaneous acquisition
Bandwidth (–3 dB)
U1602A/U1602B: DC to 20 MHz
U1604A/U1604B: DC to 40 MHz
AC coupled
< 10 Hz without probe
< 1 Hz with 10 MW 10:1 probe
Rise time
U1602A/U1602B: < 17.5 ns
U1604A/U1604B: < 8.8 ns
Single shot bandwidth
U1602A/U1602B: 20 MHz
U1604A/U1604B: 40 MHz
Vertical sensitivity
5 mV/div to 100 V/div (1:1 scope probe)
50 mV/div to 1 kV/div (10:1 scope probe)
500 mV/div to 10 kV/div (100:1 scope probe)
Maximum input
CAT III 300 Vrms (up to 400 Hz) from terminal to ground
Offset/Dynamic range
± 5 div
Input impedance
1 MW I I < 20 pF
Coupling
AC, DC, GND
[1] All specifications are warranted. Specifications are valid after a 30-minute warm-up period and within a range of ±10 ºC from
firmware calibration temperature.
[2] All characteristics are typical performance values and are not warranted. Characteristics are valid after a 30-minute warm-up
period and within a range of ±10 ºC from firmware calibration temperature.
[3] Maximum sampling rates are shown here. Sampling rate will vary according to selected time base. For more information, please refer
to User’s and Service Guide.
[4] 200 MS/s sampling rate is only available at 125 ns/div timebase
[5] Number of points displayed will vary according to time base selected. For more information, refer to User’s and Service Guide


同様の部品番号 - U1600

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U1600

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com