データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS2572 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS2572
部品情報  150V, 0.047 Ohms, 4.9A, N-Channel UltraFET Trench MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS2572 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS2572 Datasheet HTML 1Page - Fairchild Semiconductor FDS2572 Datasheet HTML 2Page - Fairchild Semiconductor FDS2572 Datasheet HTML 3Page - Fairchild Semiconductor FDS2572 Datasheet HTML 4Page - Fairchild Semiconductor FDS2572 Datasheet HTML 5Page - Fairchild Semiconductor FDS2572 Datasheet HTML 6Page - Fairchild Semiconductor FDS2572 Datasheet HTML 7Page - Fairchild Semiconductor FDS2572 Datasheet HTML 8Page - Fairchild Semiconductor FDS2572 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FDS2572 Rev. B, October 2001
Figure 5. Unclamped Inductive Switching
Capability
Figure 6. Transfer Characteristics
Figure 7. Saturation Characteristics
Figure 8. Normalized Drain to Source On
Resistance vs Junction Temperature
Figure 9. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 10. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Typical Characteristic (Continued)
0.1
1
10
0.001
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
10
20
30
3
4
5
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = -55
oC
TJ = 150
oC
TJ = 25
oC
0
10
20
30
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 5V
VGS = 6V
VGS = 4.5V
0
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 4.9A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.4
0.6
0.8
1.0
1.2
1.4
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA


同様の部品番号 - FDS2572

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
85Kb / 12P
   Power Converter Topology and MOSFET Selection for 48-V Telecom
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
More results

同様の説明 - FDS2572

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
   43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75823D3 INTERSIL-HUF75823D3 Datasheet
186Kb / 11P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75823D3 FAIRCHILD-HUF75823D3 Datasheet
211Kb / 10P
   14A, 150V, 0.150 Ohm, N-Channel, UltraFET Power MOSFET
HUF75831SK8 FAIRCHILD-HUF75831SK8 Datasheet
250Kb / 11P
   3A, 150V, 0.095 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com