データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA78L06ACLPE3 データシート(PDF) 3 Page - Texas Instruments

部品番号 UA78L06ACLPE3
部品情報  POSITIVE-VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L06ACLPE3 データシート(HTML) 3 Page - Texas Instruments

  UA78L06ACLPE3 Datasheet HTML 1Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 2Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 3Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 4Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 5Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 6Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 7Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 8Page - Texas Instruments UA78L06ACLPE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
µA78L00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION (continued)
TJ
VO(NOM)
(V)
OUTPUT
VOLTAGE
TOLERANCE
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (D)
Tube of 75
µA78L15ACD
78L15A
SOIC (D)
Reel of 2500
µA78L15ACDR
78L15A
0
°C to 125°C
15 V
5%
SOT-89 (PK)
Reel of 1000
µA78L15ACPK
FF
0 C to 125 C
15 V
5%
TO-92 (LP)
Bulk of 1000
µA78L15ACLP
78L15AC
TO 92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L15ACLPR
78L15AC
SOIC (D)
Tube of 75
µA78L05AID
78L15AI
SOIC (D)
Reel of 2500
µA78L05AIDR
78L15AI
−40
°C to 125°C
5 V
5%
SOT-89 (PK)
Reel of 1000
µA78L05AIPK
J5
TO-92 (LP)
Bulk of 1000
µA78L05AILP
78L05AI
TO 92 (LP)
TO-226AA (LP)
Reel of 2000
µA78L05AILPR
78L05AI
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
schematic
20 k
1 k
Ω to 14 kΩ
INPUT
OUTPUT
COMMON
NOTE A: Resistor values shown are nominal.
1.4 k


同様の部品番号 - UA78L06ACLPE3

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA78L06ACLPE3 TI-UA78L06ACLPE3 Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L06ACLPE3 TI-UA78L06ACLPE3 Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L06ACLPE3 TI-UA78L06ACLPE3 Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L06ACLPE3 TI-UA78L06ACLPE3 Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L06ACLPE3 TI1-UA78L06ACLPE3 Datasheet
693Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

同様の説明 - UA78L06ACLPE3

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com