データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS3690 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDS3690
部品情報  100V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3690 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDS3690 Datasheet HTML 1Page - Fairchild Semiconductor FDS3690 Datasheet HTML 2Page - Fairchild Semiconductor FDS3690 Datasheet HTML 3Page - Fairchild Semiconductor FDS3690 Datasheet HTML 4Page - Fairchild Semiconductor FDS3690 Datasheet HTML 5Page - Fairchild Semiconductor FDS3690 Datasheet HTML 6Page - Fairchild Semiconductor FDS3690 Datasheet HTML 7Page - Fairchild Semiconductor FDS3690 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2000
PRELIMINARY
1999 Fairchild Semiconductor Corporation
FDS3690 Rev B(W)
FDS3690
100V N-Channel PowerTrench
MOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers.
These MOSFETs feature faster switching and lower
gate charge than other MOSFETs with comparable
R
DS(ON) specifications.
The result is a MOSFET that is
easy and safer to drive (even at very high frequencies),
and DC/DC power supply designs with higher overall
efficiency.
Applications
• DC/DC converter
• Motor Driver
Features
• 5 A, 100 V.
RDS(ON) = 0.059
Ω @ V
GS = 10 V
RDS(ON) = 0.066
Ω @ V
GS = 6 V
• Fast switching speed.
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability.
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1a)
5A
– Pulsed
40
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS3690
FDS3690
13’’
12mm
2500 units


同様の部品番号 - FDS3690

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS3692 FAIRCHILD-FDS3692 Datasheet
277Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 45A, 60mohm
More results

同様の説明 - FDS3690

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com