データシートサーチシステム |
|
KA75390Z データシート(PDF) 2 Page - Fairchild Semiconductor |
|
KA75390Z データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page KA75XXX 2 Absolute Maximum Rating (TA=25 °°°°C) Electrical Characteristics (TA=25 °°°°C) Characteristic Symbol Value Unit Supply Voltage Vcc 0.3 ~ +15.0 V Detecting Voltage VDET 2.5/2.7/2.9/3.1 3.3/3.6/3.9/4.2/4.5 V Hysteresis Voltage VHYS 50 mV Operating Temperature TOPR -25 ~ +85 °C Storage Temperature TSTG -50 ~ +150 °C Power Dissipation TO-92 SOT-89 PD 200 500 mW Detecting Voltage Temperature Coefficient ∆VDET/∆TRL = 200Ω, +0.01 %/ °C Characteristic Symbol Test Conditions Min Typ Max Unit Detecting Voltage VDET KA75250 KA75270 KA75290 KA75310 KA75330 KA75360 KA75390 KA75420 KA75450 2.35 2.55 2.75 2.95 3.15 3.45 3.75 4.05 4.35 2.5 2.7 2.9 3.1 3.3 3.6 3.9 4.2 4.5 2.65 2.85 3.05 3.25 3.45 3.75 4.05 4.35 4.65 V Low Output Voltage VOL RL = 200 Ω -- 0.4 V Output Leakage Current ILKG VCC = 15V - - 0.1 uA Hysteresis Voltage VHYS RL = 200 Ω 30 50 100 mV Detecting Voltage Temperature Coefficient ∆VDET/∆TRL = 200Ω - ±0.01 - %/ °C Circuit Current(At On Time) ICCL VCC = VDET(MIN) -0.05V - 300 500 uA Circuit Current(At Off Time) ICCH VCC = 5.25V - 30 50 uA Threshold Operating Voltage VTH(OPR) RL = 200 Ω, VOL ≤ 0.4V - 0.8 1.0 V " L"± Transmission Delay Time TOL RL = 1.0k Ω, CL= 100pF 0.6 10 - us " H"± Transmission Delay Time TOH RL = 1.0k Ω, CL = 100pF - 15 20 us Output Current (At On Time) IOLI VCC = VDET(MIN) -0.05V, TA = 25 °C 10 20 30 mA Output Current (At On Time) IOLII VCC = VDET(MIN) - 0.05V TA = -25 ~ +85 °C 816 30 mA RL= 200 Ω VOL ≤ 0.4V |
同様の部品番号 - KA75390Z |
|
同様の説明 - KA75390Z |