データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS4070N7 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDS4070N7
部品情報  40V N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4070N7 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDS4070N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 6Page - Fairchild Semiconductor FDS4070N7 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS4070N7 Rev B1 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min Typ Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.5 A (Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
32
nS
Qrr
Diode Reverse Recovery Charge
IF = 15.3 A,
diF/dt = 100 A/µs
39
nC
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
40°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
85°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size pape
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0


同様の部品番号 - FDS4070N7

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4070N7 FAIRCHILD-FDS4070N7 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results

同様の説明 - FDS4070N7

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com