データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS4072N3 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDS4072N3
部品情報  40V N-Channel PowerTrench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4072N3 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDS4072N3 Datasheet HTML 1Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 2Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 3Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 4Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 5Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 6Page - Fairchild Semiconductor FDS4072N3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDS4072N3 Rev B1 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Drain-Source Avalanche Ratings (Note 2)
EAS
Drain-Source Avalanche Energy
Single Pulse, VDD = 20V, ID=12.4 A
200
mJ
IAS
Drain-Source Avalanche Current
12.4
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage VGS = 0 V,
ID = 250 µA
40
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
38
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 32 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 12 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –12 V ,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250 µA
1
1.3
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–4.5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V, ID = 12.4 A
VGS = 10 V, ID = 13.7 A
VGS = 4.5 V, ID = 12.4 A,TJ = 125°C
9.7
8.5
14.7
12
10
20
m
ID(on)
On–State Drain Current
VGS = 5 V,
VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 12.4 A
84
S
Dynamic Characteristics
Ciss
Input Capacitance
4299
pF
Coss
Output Capacitance
351
pF
Crss
Reverse Transfer Capacitance
VDS = 20 V,
V GS = 0 V,
f = 1.0 MHz
149
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
20
36
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
52
83
ns
tf
Turn–Off Fall Time
VDD = 20 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
18
32
ns
Qg
Total Gate Charge
33
46
nC
Qgs
Gate–Source Charge
7.8
nC
Qgd
Gate–Drain Charge
VDS = 20 V,
ID = 12.4 A,
VGS = 4.5 V
8.1
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.5 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
30
nS
Qrr
Diode Reverse Recovery Charge
IF = 12.4 A,
diF/dt = 100 A/µs
90
nC


同様の部品番号 - FDS4072N3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results

同様の説明 - FDS4072N3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDB8447L FAIRCHILD-FDB8447L Datasheet
384Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com