データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS4410 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDS4410
部品情報  Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4410 データシート(HTML) 4 Page - Fairchild Semiconductor

  FDS4410 Datasheet HTML 1Page - Fairchild Semiconductor FDS4410 Datasheet HTML 2Page - Fairchild Semiconductor FDS4410 Datasheet HTML 3Page - Fairchild Semiconductor FDS4410 Datasheet HTML 4Page - Fairchild Semiconductor FDS4410 Datasheet HTML 5Page - Fairchild Semiconductor FDS4410 Datasheet HTML 6Page - Fairchild Semiconductor FDS4410 Datasheet HTML 7Page - Fairchild Semiconductor FDS4410 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS4410 Rev.B1
0
5
10
15
20
25
0
2
4
6
8
10
Q , GATE CHARGE (nC)
g
I = 10A
D
10V
15V
V
= 5V
DS
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical And Thermal Characteristics
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
0.1
0.5
1
2
5
10
30
100
200
500
1000
2000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
C iss
f = 1 MHz
V
= 0V
GS
C oss
C rss
0.05
0.1
0.2
0.5
1
2
5
10
20 30
50
0.01
0.1
0.5
3
10
30
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
RDS(ON)
LIMIT
V
= 10V
SINGLE PULSE
R
=125°C/W
T = 25°C
GS
A
θJA
DC
1s
10ms
100ms
10s
1ms
100us
0.01
0.1
0.5
1
10
50 100
300
0
5
10
15
20
25
30
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=125° C/W
T = 25°C
θJA
A


同様の部品番号 - FDS4410

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
More results

同様の説明 - FDS4410

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6680 FAIRCHILD-FDS6680 Datasheet
238Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690 FAIRCHILD-FDS6690 Datasheet
203Kb / 8P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
SI4884DY FAIRCHILD-SI4884DY Datasheet
94Kb / 5P
   Single N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com