データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS5680 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDS5680
部品情報  60V N-Channel PowerTrench??MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5680 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDS5680 Datasheet HTML 1Page - Fairchild Semiconductor FDS5680 Datasheet HTML 2Page - Fairchild Semiconductor FDS5680 Datasheet HTML 3Page - Fairchild Semiconductor FDS5680 Datasheet HTML 4Page - Fairchild Semiconductor FDS5680 Datasheet HTML 5Page - Fairchild Semiconductor FDS5680 Datasheet HTML 6Page - Fairchild Semiconductor FDS5680 Datasheet HTML 7Page - Fairchild Semiconductor FDS5680 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS5680 Rev.C
FDS5680
60V N-Channel PowerTrenchTM MOSFET
General Description
This N-Channel MOSFET is produced using Fairchild
Semiconductor's advanced PowerTrench process that
has been especially tailored to minimize on-state
resistance and yet maintain superior switching
performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
Applications
• DC/DC converter
• Load switch
• Motor drives
July 1999
Features
• 8 A, 60 V. R
DS(ON) = 0.020 Ω @ VGS = 10 V
R
DS(ON) = 0.025 Ω @ VGS = 6 V.
• Low gate charge (30nC typical).
• Fast switching speed.
• High performance trench technology for extremely
low R
DS(ON).
• High power and current handling capability.
1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
- Continuous
(Note 1a)
8A
- Pulsed
50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
R
θJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
R
θJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS5680
FDS5680
13’’
12mm
2500 units
6
7
8
5
3
2
1
4
S
D
S
S
SO-8
D
D
D
G


同様の部品番号 - FDS5680

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS5682 FAIRCHILD-FDS5682 Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
FDS5682 FAIRCHILD-FDS5682 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682 FAIRCHILD-FDS5682_08 Datasheet
603Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
FDS5682_NL FAIRCHILD-FDS5682_NL Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
More results

同様の説明 - FDS5680

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com