データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6609A データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDS6609A
部品情報  P-Channel Logic Level PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6609A データシート(HTML) 7 Page - Fairchild Semiconductor

  FDS6609A Datasheet HTML 1Page - Fairchild Semiconductor FDS6609A Datasheet HTML 2Page - Fairchild Semiconductor FDS6609A Datasheet HTML 3Page - Fairchild Semiconductor FDS6609A Datasheet HTML 4Page - Fairchild Semiconductor FDS6609A Datasheet HTML 5Page - Fairchild Semiconductor FDS6609A Datasheet HTML 6Page - Fairchild Semiconductor FDS6609A Datasheet HTML 7Page - Fairchild Semiconductor FDS6609A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SOIC-8 (FS PKG Code S1)
1 : 1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.0774
SO-8 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A
9


同様の部品番号 - FDS6609A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Microsemi Corporation
FDS6612A MICROSEMI-FDS6612A Datasheet
339Kb / 18P
   EVALUATION KIT
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6612A UMW-FDS6612A Datasheet
479Kb / 7P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS6612A-NL VBSEMI-FDS6612A-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

同様の説明 - FDS6609A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com