データシートサーチシステム |
|
LD20PC105KAB1A データシート(PDF) 2 Page - AVX Corporation |
|
LD20PC105KAB1A データシート(HTML) 2 Page - AVX Corporation |
2 / 2 page 103 250V Tip & Ring -250V -400ms 200ms/div 1.6s 0 -48V Tip & Ring Tin/Lead Termination “B” Multilayer Ceramic Chip Capacitors CAPACITANCE RANGE (μF) “TIP & RING” GRAPH Capacitance Range 1000 pF to 1.2 μF (25°C, 1.0 ±0.2 Vrms at 1kHz) Capacitance Tolerances ±10%, ±20% Dissipation Factor 2.5% max. (25°C, 1.0 ±0.2 Vrms at 1kHz) Operating Temperature Range -55°C to +125°C Temperature Characteristic X7R ±15% (0 VDC) Voltage Rating 250 VDC Telco rating Insulation Resistance 1000 megohm-microfarad min. Dielectric Strength Minimum 200% rated voltage for 5 seconds at 50 mA max. current PERFORMANCE CHARACTERISTICS STYLE (SIZE) LD05 (0805) LD06 (1206) LD10 (1210) LD08 (1808) LD12 (1812) LD13 (1825) LD20 (2220) LD14 (2225) min. 0.0010 0.0010 0.0010 0.010 0.10 0.33 0.47 0.47 max. 0.027 0.082 0.22 0.27 0.47 1.0 1.0 1.2 |
同様の部品番号 - LD20PC105KAB1A |
|
同様の説明 - LD20PC105KAB1A |