データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD20PC102MAB3A データシート(PDF) 2 Page - AVX Corporation

部品番号 LD20PC102MAB3A
部品情報  Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

LD20PC102MAB3A データシート(HTML) 2 Page - AVX Corporation

  LD20PC102MAB3A Datasheet HTML 1Page - AVX Corporation LD20PC102MAB3A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
103
250V
Tip & Ring
-250V
-400ms
200ms/div
1.6s
0
-48V
Tip & Ring Tin/Lead Termination “B”
Multilayer Ceramic Chip Capacitors
CAPACITANCE RANGE (μF)
“TIP & RING” GRAPH
Capacitance Range
1000 pF to 1.2 μF
(25°C, 1.0 ±0.2 Vrms at 1kHz)
Capacitance Tolerances
±10%, ±20%
Dissipation Factor
2.5% max. (25°C, 1.0 ±0.2 Vrms at 1kHz)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
X7R ±15% (0 VDC)
Voltage Rating
250 VDC Telco rating
Insulation Resistance
1000 megohm-microfarad min.
Dielectric Strength
Minimum 200% rated voltage for 5 seconds at 50 mA max. current
PERFORMANCE CHARACTERISTICS
STYLE (SIZE)
LD05 (0805)
LD06 (1206)
LD10 (1210)
LD08 (1808)
LD12 (1812)
LD13 (1825)
LD20 (2220)
LD14 (2225)
min.
0.0010
0.0010
0.0010
0.010
0.10
0.33
0.47
0.47
max.
0.027
0.082
0.22
0.27
0.47
1.0
1.0
1.2


同様の部品番号 - LD20PC102MAB3A

メーカー部品番号データシート部品情報
logo
AVX Corporation
LD20 AVX-LD20 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
List of Unclassifed Man...
LD20 ETC2-LD20 Datasheet
326Kb / 6P
   Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-10B03 MORNSUN-LD20-10B03 Datasheet
424Kb / 6P
   AC/DC Converter
LD20-10B05 MORNSUN-LD20-10B05 Datasheet
424Kb / 6P
   AC/DC Converter
LD20-10B12 MORNSUN-LD20-10B12 Datasheet
424Kb / 6P
   AC/DC Converter
More results

同様の説明 - LD20PC102MAB3A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
Kemet Corporation
C0805C103KARAC KEMET-C0805C103KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
ST0805XR104K101 MERITEK-ST0805XR104K101 Datasheet
1Mb / 10P
   Soft Termination Multilayer Ceramic Chip Capacitors
logo
AVX Corporation
LD05-40 AVX-LD05-40 Datasheet
52Kb / 2P
   High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
Vishay Siliconix
VJ32MLCCS VISHAY-VJ32MLCCS Datasheet
168Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors With Lead-Bearing Finish Termination
01-Jan-2023
logo
AVX Corporation
1812PC104KAT1A AVX-1812PC104KAT1A Datasheet
95Kb / 2P
   Tip & Ring
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com