データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6815 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDS6815
部品情報  Dual P-Channel 2.5V Specified PowerTrench??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6815 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDS6815 Datasheet HTML 1Page - Fairchild Semiconductor FDS6815 Datasheet HTML 2Page - Fairchild Semiconductor FDS6815 Datasheet HTML 3Page - Fairchild Semiconductor FDS6815 Datasheet HTML 4Page - Fairchild Semiconductor FDS6815 Datasheet HTML 5Page - Fairchild Semiconductor FDS6815 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDS6815 Rev. A
Electrical Characteristics
TA=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
µA
-20
V
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage, Forward
VGS = 12 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage, Reverse
VGS = -12 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS
(Note 2)
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = -250
µA
-0.6
-1.5
V
RDS(ON)
Static Drain-Source
On-Resistance
VGS = -4.5 V, ID = -5.5 A
VGS = -2.5 V, ID = -5 A
0.04
0.05
ID(ON)
On-State Drain Current
VGS = -4.5 V, VDS = -5.0 V
25
A
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS
Maximum Continuous Drain-Source Diode Forward Current
-1.3
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = -1.3 A
(Note 2)
-1.2
V
Notes:
1. RθJAisthesumofthejunction-to-caseandcase-to-ambientthermalresistancewherethecasethermalreferenceisdefinedasthesoldermountingsurfaceof thedrainpins.
RθJC is guaranteed by design while RθJAis determined by the user's board design. Thermal rating based on independent single device operation.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
a) 78° C/W when
mounted on a 0.5 in2
pad of 2 oz. copper.
b) 125° C/W when
mounted on a 0.02 in2
pad of 2 oz. copper.
c) 135° C/W when
mounted on a minimum pad.


同様の部品番号 - FDS6815

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6812 FAIRCHILD-FDS6812 Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6812A FAIRCHILD-FDS6812A Datasheet
79Kb / 5P
   Dual N-Channel Logic Level PWM Optimized PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
More results

同様の説明 - FDS6815

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com