データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4421AVAT データシート(PDF) 7 Page - Microchip Technology

部品番号 TC4421AVAT
部品情報  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421AVAT データシート(HTML) 7 Page - Microchip Technology

Back Button TC4421AVAT Datasheet HTML 3Page - Microchip Technology TC4421AVAT Datasheet HTML 4Page - Microchip Technology TC4421AVAT Datasheet HTML 5Page - Microchip Technology TC4421AVAT Datasheet HTML 6Page - Microchip Technology TC4421AVAT Datasheet HTML 7Page - Microchip Technology TC4421AVAT Datasheet HTML 8Page - Microchip Technology TC4421AVAT Datasheet HTML 9Page - Microchip Technology TC4421AVAT Datasheet HTML 10Page - Microchip Technology TC4421AVAT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2005-2013 Microchip Technology Inc.
DS21946B-page 7
TC4421A/TC4422A
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-13:
Input Threshold vs. Supply
Voltage.
FIGURE 2-14:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-15:
Low-State Output
Resistance vs. Supply Voltage.
FIGURE 2-16:
Supply Current vs.
Capactive Load (VDD = 18V).
FIGURE 2-17:
Supply Current vs.
Capactive Load (VDD = 12V).
FIGURE 2-18:
Supply Current vs.
Capactive Load (VDD = 6V).
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
4
6
8
10121416
18
Supply Voltage (V)
VIH
VIL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4
6
8
1012141618
Supply Voltage (V)
TJ = 25°C
TJ = 150°C
VIN = 5V (TC4422A)
VIN = 0V (TC4421A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4
6
8
1012141618
Supply Voltage (V)
TJ = 25°C
TJ = 150°C
VIN = 0V (TC4422A)
VIN = 5V (TC4421A)
0
20
40
60
80
100
120
140
160
180
100
1,000
10,000
100,000
Capacitive Load (pF)
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz
VDD = 18V
0
20
40
60
80
100
120
140
160
180
200
100
1,000
10,000
100,000
Capacitive Load (pF)
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz
VDD = 12V
0
20
40
60
80
100
120
140
160
180
200
220
100
1,000
10,000
100,000
Capacitive Load (pF)
2 MHz
1 MHz
200 kHz
100 kHz
50 kHz
10 kHz
VDD = 6V


同様の部品番号 - TC4421AVAT

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

同様の説明 - TC4421AVAT

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com