データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6890A データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDS6890A
部品情報  Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6890A データシート(HTML) 5 Page - Fairchild Semiconductor

  FDS6890A Datasheet HTML 1Page - Fairchild Semiconductor FDS6890A Datasheet HTML 2Page - Fairchild Semiconductor FDS6890A Datasheet HTML 3Page - Fairchild Semiconductor FDS6890A Datasheet HTML 4Page - Fairchild Semiconductor FDS6890A Datasheet HTML 5Page - Fairchild Semiconductor FDS6890A Datasheet HTML 6Page - Fairchild Semiconductor FDS6890A Datasheet HTML 7Page - Fairchild Semiconductor FDS6890A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SOIC(8lds) Packaging
Configuration: Figure 1.0
Components
Leader Tape
1680mm minimum or
210 empty pockets
Trailer Tape
640mm minimum or
80 empty pockets
SOIC(8lds) Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOIC (8lds) Packaging Information
Standard
(no flow code)
L86Z
F011
Packaging type
Reel Size
TNR
13" Dia
Rail/Tube
-
TNR
13" Dia
Qty per Reel/Tube/Bag
2,500
95
4,000
Box Dimension (mm)
343x64x343
530x130x83
343x64x343
Max qty per Box
5,000
30,000
8,000
D84Z
TNR
7" Dia
500
184x187x47
1,000
Weight per unit (gm)
0.0774
0.0774
0.0774
0.0774
Weight per Reel (kg)
0.6060
-
0.9696
0.1182
F63TN Label
ESD Label
343mm x 342mm x 64mm
Standard Intermediate box
ESD Label
F63TNR Label sample
F63TNLabel
LOT: CBVK741B019
FSID: FDS9953A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 2500
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F852
NDS
9959
SOIC-8 Unit Orientation
Pin 1
Static Dissipative
Embossed Carrier Tape
F63TNR
Label
Antistatic Cover Tape
ESD Label
EL ECTRO STATIC
SEN SIT IVE DEVI CES
DO NO T SHI P OR STO RE N EAR ST RO NG EL ECT ROST AT IC
EL ECT RO M AGN ETI C, M AG NET IC O R R ADIO ACT IVE FI ELD S
TNR DATE
PT NUMB ER
PEEL STREN GTH MIN ___ __ ____ __ ___gms
MAX ___ ___ ___ ___ _ gms
Customized
Label
Packaging Description:
SOIC-8 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SO-8 Tape and Reel Data and Package Dimensions
July 1999, Rev. B


同様の部品番号 - FDS6890A

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDS6890A-NL VBSEMI-FDS6890A-NL Datasheet
986Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

同様の説明 - FDS6890A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6305N FAIRCHILD-FDC6305N Datasheet
246Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2551N FAIRCHILD-FDZ2551N Datasheet
52Kb / 4P
   Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com