データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

00-9176-002-001-106 データシート(PDF) 1 Page - AVX Corporation

部品番号 00-9176-002-001-106
部品情報  Discrete Wire IDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

00-9176-002-001-106 データシート(HTML) 1 Page - AVX Corporation

  00-9176-002-001-106 Datasheet HTML 1Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 2Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 3Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 4Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 5Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 6Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 7Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 8Page - AVX Corporation 00-9176-002-001-106 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9
Discrete Wire IDC
Series 9176
The 917X series of surface mount Insulation Displacement Connectors (IDC)
were developed to meet the harsh automotive and industrial market
applications for connecting individual wires directly to a PCB ranging from 14
AWG to 28 AWG. This industry proven contact system has been tested to
automotive levels of shock, vibration, and temperature cycling to prove their
reliability and robustness. The simplicity of inserting a wire into the connector
with a small tool allows a wide range of devices to be connected to the PCB
without soldering. In SSL applications specifically, these connectors are used to
bring power and signal onto the PCB or are used to daisy chain multiple boards
together in a long string. While the IDC contact provides a gas-tight connection
to conductor of the wire, the housing has been designed to grab the insulation
of the wire to provide a positive strain relief even in the harshest conditions. In
case of repair, the wires can be removed and replace up to three times.
The 9176 series accepts 18 AWG to 24 AWG wires with an insulation diameter
ranging from 1.1mm to 2.1mm. These dual contact connectors support a 10
amp current rating with two large SMT solder tails per wire to provide maximum
stability on the PCB. Available in 1p-3p configuration, these connectors can be
end stackable for higher pin counts. The 9176 series also comes with optional
locking strain relief caps that act as the termination tool for severe vibration
applications.
ELECTRICAL
• Current Rating: 10 Amp / Contact
• Voltage Rating: 250 VAC
9176
Series
00
Prefix
00X
Number of Ways
06
Plating
Option
06 = Pure Tin
all over
HOW TO ORDER
00X
Wire Gauge Size
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Nylon 46: UL94V0
• Contact Material: Phosphor Bronze
• Plating: Tin over Nickel
• Durability: 3 Cycles
FEATURES AND BENEFITS
• IDC contact provides a gas-tight connection to the PCB for long term reliability
• Connector housing captures the wire insulation for positive strain relief
• Tested to automotive levels on shock, vibration and temperature cycling for
reliability
• Low and high volume assembly tools to match production volumes
• Reduced total applied cost versus solder or crimp processes
• Optional thru and end caps lock in place to provide maximum strain relief
• High temperature insulator capable to 260ºC reflow soldering processes
APPLICATIONS
• Connecting discrete wire components
directly to the PCB
• Bringing power and signals onto a PCB
• Daisy chaining PCB’s together to create
a continuous string of boards
• Application Notes: refer to 201-01-124
Code
No of
Details
Ways
001
1
Page 11
002
2
Page 12
003
3
Page 13
Code
Accepted
Wire
Cap Code
Wire Gauge
Insulation Pages 13-14
001
18 Gauge
Ø 1.6-2.1
021
Solid or Stranded
011
20 Gauge Stranded
Ø 1.6-2.1
021
Solid or Stranded
022
22 Gauge Stranded
Ø 1.1-1.6
016
Solid or Stranded
032
24 Gauge Stranded
Ø 1.1-1.6
016
Solid or Stranded
Certification: UL File # E320991, check UL conditions of use for specific ratings and details
X
Color/Approval
Code Color
Approval
0
Black Special Order
1
White
Standard
9
White
UL Approved


同様の部品番号 - 00-9176-002-001-106

メーカー部品番号データシート部品情報
logo
AVX Corporation
00-9176-00X-7XX-XX6 AVX-00-9176-00X-7XX-XX6 Datasheet
998Kb / 8P
   18-24AWG IDC WIRE TO BOARD CONNECTOR
More results

同様の説明 - 00-9176-002-001-106

メーカー部品番号データシート部品情報
logo
AVX Corporation
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
logo
Omron Electronics LLC
XG5 OMRON-XG5 Datasheet
967Kb / 10P
   IDC Sockets for Discrete Wires
XG5_1011 OMRON-XG5_1011 Datasheet
919Kb / 10P
   IDC Sockets for Discrete Wires
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com