データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBY100505T-800Y-N データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SBY100505T-800Y-N
部品情報  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SBY100505T-800Y-N データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SBY100505T-800Y-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 5Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers SBY100505T-800Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6
ELECTRICAL CHARACTERISTICS SB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
SBY201209T-070Y-N
7
100
0.10
600
SBY201209T-090Y-N
9
100
0.10
600
SBY201209T-110Y-N
11
100
0.10
600
SBY201209T-170Y-N
17
100
0.10
600
SBY201209T-320Y-N
32
100
0.10
600
SBK201209T-600Y-N
60
100
0.15
500
SBK201209T-700Y-N
70
100
0.15
500
SBK201209T-800Y-N
80
100
0.15
500
SBK201209T-121Y-N
120
100
0.25
300
SBK201209T-151Y-N
150
100
0.25
300
SBK201209T-221Y-N
220
100
0.30
300
SBK201209T-301Y-N
300
100
0.30
300
SBK201209T-401Y-N
400
100
0.30
300
SBK201209T-501Y-N
500
100
0.40
300
SBK201209T-601Y-N
600
100
0.40
300
SBK201209T-751Y-N
750
100
0.50
200
SBK201209T-102Y-N
1,000
100
0.50
200
SBK201209T-152Y-N
1,500
100
0.60
200
SBK201209T-202Y-N
2,000
100
0.70
200
SBK201209T-222Y-N
2,200
100
0.70
200
SBK201209T-252Y-N
2,500
100
0.70
200
SBK201209T-272Y-N
2,700
100
0.70
200
SBY321611T-190Y-N
19
100
0.05
600
SBY321611T-260Y-N
26
100
0.05
600
SBY321611T-320Y-N
32
100
0.05
600
SBY321611T-500Y-N
50
100
0.10
500
SBY321611T-600Y-N
60
100
0.10
500
SBK321611T-700Y-N
70
100
0.10
500
SBK321611T-900Y-N
90
100
0.15
500
SBK321611T-121Y-N
120
100
0.15
500
SBK321611T-151Y-N
150
100
0.15
500
SBK321611T-201Y-N
200
100
0.20
400
SBK321611T-401Y-N
400
100
0.20
400
SBK321611T-501Y-N
500
100
0.20
400
SBK321611T-601Y-N
600
100
0.30
400
SBK321611T-102Y-N
1,000
50
0.40
200
SBK321611T-122Y-N
1,200
50
0.40
200
SBK321611T-152Y-N
1,500
50
0.45
200
SBK321611T-202Y-N
2,000
30
0.60
200
SBK321611T-272Y-N
2,700
30
0.60
200


同様の部品番号 - SBY100505T-800Y-N

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SBY30100 DIOTEC-SBY30100 Datasheet
148Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Gulf Semiconductor
SBYD17D GULFSEMI-SBYD17D Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
SBYG10DG GULFSEMI-SBYG10DG Datasheet
109Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
SBYG10GG GULFSEMI-SBYG10GG Datasheet
109Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
SBYG10JG GULFSEMI-SBYG10JG Datasheet
109Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
More results

同様の説明 - SBY100505T-800Y-N

メーカー部品番号データシート部品情報
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com