データシートサーチシステム |
|
AD713JRZ-16-REEL7 データシート(PDF) 10 Page - Analog Devices |
|
AD713JRZ-16-REEL7 データシート(HTML) 10 Page - Analog Devices |
10 / 20 page AD713 Rev. F | Page 10 of 20 TEST CIRCUITS + 1µF 0.1µF + 1µF 0.1µF +VS COM –VS 1/4 AD713 9kΩ 1kΩ OUTPUT ALL 4 AMPLIFIERS ARE CONNECTED AS SHOWN. INPUT SIGNAL OR GROUND* 1kΩ AD713 PIN 4 AD713 PIN 11 *THE SIGNAL INPUT (1kHz SINEWAVE, 2V p-p) IS APPLIED TO ONE AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE AMPLIFIERS ARE THEN MEASURED FOR CROSSTALK. +VS VOUT VIN –VS 1/4 AD713 4 11 + 1µF 0.1µF + 1µF 0.1µF SQUARE WAVE INPUT RL 2kΩ CL 10pF Figure 26. Crosstalk Test Circuit for Figure 21 Figure 27. Unity Gain Follower Circuit for Figure 22 and Figure 23 +VS 2kΩ 2kΩ VOUT VIN –VS 1/4 AD713 4 11 + 1µF 0.1µF + 1µF 7.5pF 0.1µF SQUARE WAVE INPUT RL 2kΩ CL 10pF Figure 28. Unity Gain Inverter Circuit for Figure 24 and Figure 25 |
同様の部品番号 - AD713JRZ-16-REEL7 |
|
同様の説明 - AD713JRZ-16-REEL7 |