データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS9936 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDS9936
部品情報  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9936 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDS9936 Datasheet HTML 1Page - Fairchild Semiconductor FDS9936 Datasheet HTML 2Page - Fairchild Semiconductor FDS9936 Datasheet HTML 3Page - Fairchild Semiconductor FDS9936 Datasheet HTML 4Page - Fairchild Semiconductor FDS9936 Datasheet HTML 5Page - Fairchild Semiconductor FDS9936 Datasheet HTML 6Page - Fairchild Semiconductor FDS9936 Datasheet HTML 7Page - Fairchild Semiconductor FDS9936 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 1998
FDS9936A
Dual N-Channel Enhancement Mode Field Effect Transistor
General Description
Features
Absolute Maximum Ratings
T
A = 25
oC unless other wise noted
Symbol
Parameter
FDS9936A
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain Current - Continuous
(Note 1a)
5.5
A
- Pulsed
20
P
D
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
FDS9936A Rev.B
5.5 A, 30 V. R
DS(ON) = 0.040 @ VGS = 10 V,
R
DS(ON) = 0.060 @ VGS = 4.5 V.
High density cell design for extremely low R
DS(ON).
High power and current handling capability in a widely
used surface mount package.
Dual MOSFET in surface mount package
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
SO-8 N-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high
cell density, DMOS technology. This very high density
process is especially tailored to provide superior switching
performance and minimize on-state resistance. These devices
are particularly suited for low voltage applications such as disk
drive motor control, battery powered circuits where fast
switching, low in-line power loss, and resistance to transients
are needed.
S1
D1
S2
G1
SO-8
D2
D2
D1
G2
FDS
9936A
pin 1
1
5
7
8
2
3
4
6
© 1998 Fairchild Semiconductor Corporation


同様の部品番号 - FDS9936

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDS9936A-NL VBSEMI-FDS9936A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - FDS9936

メーカー部品番号データシート部品情報
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com