データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD829JCHIPS データシート(PDF) 6 Page - Analog Devices

部品番号 AD829JCHIPS
部品情報  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD829JCHIPS データシート(HTML) 6 Page - Analog Devices

Back Button AD829JCHIPS Datasheet HTML 2Page - Analog Devices AD829JCHIPS Datasheet HTML 3Page - Analog Devices AD829JCHIPS Datasheet HTML 4Page - Analog Devices AD829JCHIPS Datasheet HTML 5Page - Analog Devices AD829JCHIPS Datasheet HTML 6Page - Analog Devices AD829JCHIPS Datasheet HTML 7Page - Analog Devices AD829JCHIPS Datasheet HTML 8Page - Analog Devices AD829JCHIPS Datasheet HTML 9Page - Analog Devices AD829JCHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Input Common-Mode Range vs. Supply Voltage
Figure 6. Output Voltage Swing vs. Supply Voltage
Figure 7. Output Voltage Swing vs. Resistive Load
Figure 8. Quiescent Current vs. Supply Voltage
Figure 9. Input Bias Current vs. Temperature
Figure 10. Closed-Loop Output Impedance vs. Frequency
SUPPLY VOLTAGE (
±V)
0
5
10
15
0
5
10
15
20
20
+VOUT
–VOUT
SUPPLY VOLTAGE (±V)
0
5
10
15
0
5
10
15
20
20
+VOUT
–VOUT
RL = 1kΩ
LOAD RESISTANCE (
Ω)
10
100
1k
0
5
10
25
20
15
30
10k
±15V
SUPPLIES
±5V
SUPPLIES
SUPPLY VOLTAGE (
±V)
0
5
10
15
4.0
4.5
5.0
5.5
6.0
20
TEMPERATURE (
°C)
–60
–40
–20
0
20
40
60
80
100
120
–2
–3
–4
–5
140
VS = ±5V, ±15V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
0.001
0.01
0.1
1
10
100
100M
AV = 20
CCOMP = 0pF
AV = 1
CCOMP = 68pF


同様の部品番号 - AD829JCHIPS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD829JCHIPS AD-AD829JCHIPS Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829JCHIPS AD-AD829JCHIPS Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JCHIPS AD-AD829JCHIPS Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

同様の説明 - AD829JCHIPS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com