データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD829AR-EBZ データシート(PDF) 4 Page - Analog Devices

部品番号 AD829AR-EBZ
部品情報  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD829AR-EBZ データシート(HTML) 4 Page - Analog Devices

  AD829AR-EBZ Datasheet HTML 1Page - Analog Devices AD829AR-EBZ Datasheet HTML 2Page - Analog Devices AD829AR-EBZ Datasheet HTML 3Page - Analog Devices AD829AR-EBZ Datasheet HTML 4Page - Analog Devices AD829AR-EBZ Datasheet HTML 5Page - Analog Devices AD829AR-EBZ Datasheet HTML 6Page - Analog Devices AD829AR-EBZ Datasheet HTML 7Page - Analog Devices AD829AR-EBZ Datasheet HTML 8Page - Analog Devices AD829AR-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD829
Data Sheet
Rev. I | Page 4 of 20
AD829JR
AD829AR
AD829AQ/AD829S
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT COMMON-MODE
VOLTAGE RANGE
±5 V
+4.3
+4.3
+4.3
V
−3.8
−3.8
−3.8
V
±15 V
+14.3
+14.3
+14.3
V
−13.8
−13.8
−13.8
V
OUTPUT VOLTAGE SWING
RL = 500 Ω
±5 V
±3.0
±3.6
±3.0
±3.6
±3.0
±3.6
V
RL = 150 Ω
±5 V
±2.5
±3.0
±2.5
±3.0
±2.5
±3.0
V
RL = 50 Ω
±5 V
±1.4
±1.4
±1.4
V
RL = 1 kΩ
±15 V
±12
±13.3
±12
±13.3
±12
±13.3
V
RL = 500 Ω
±15 V
±10
±12.2
±10
±12.2
±10
±12.2
V
Short-Circuit Current
±5 V,
±15 V
32
32
32
mA
INPUT CHARACTERISTICS
Input Resistance
(Differential)
13
13
13
Input Capacitance
(Differential)4
5
5
5
pF
Input Capacitance
(Common Mode)
1.5
1.5
1.5
pF
CLOSED-LOOP OUTPUT
RESISTANCE
AV = +1,
f = 1 kHz
2
2
2
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
5
6.5
5
6.5
5
6.5
mA
tMIN to tMAX
8.0
8.0
8.7
mA
±15 V
5.3
6.8
5.3
6.8
5.3
6.8
mA
tMIN to tMAX
8.3
9.0
9.0
mA
TRANSISTOR COUNT
Number of
transistors
46
46
46
1
Full power bandwidth = slew rate/2
π VPEAK.
2
Tested at gain = 20, CCOMP = 0 pF.
3
3.58 MHz (NTSC) and 4.43 MHz (PAL and SECAM).
4
Differential input capacitance consists of 1.5 pF package capacitance plus 3.5 pF from the input differential pair.


同様の部品番号 - AD829AR-EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD829AR-EBZ AD-AD829AR-EBZ Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

同様の説明 - AD829AR-EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com