データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TC2014-2.85VCTTR データシート(PDF) 15 Page - Microchip Technology

部品番号. TC2014-2.85VCTTR
部品情報  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
ダウンロード  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo 

TC2014-2.85VCTTR Datasheet(HTML) 15 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 15
TC2014/2015/2185
APPENDIX A:
REVISION HISTORY
Revision F (December 2012)
• Added a note to each package outline drawing.
Revision E (May 2006)
• Page 1: Added overtemperature to bullet for over-
current protection in features and general descrip-
tion verbiage.
• Page 3: Added Thermal Shutdown die Tempera-
ture to electrical characteristics table.
• Page 3: Added Thermal Characteristics Table.
• Page 5: Added new section 5.1 and new ver-
biage.
• Page 13: Updated package outline drawing.
Revision D (November 2004)
• Page 2: Changed Absolute Maximum Ratings
from 6.5V to 7.0V.
• Packaging Information: Added package codes for
2.6V and 5.0V options.
• Product Identification System: Added 2.6V and
5.0V to Output voltage options.
Revision C (December 2002)
• Numerous changes
Revision B (May 2002)
• Numerous changes
Revision A (May 2001)
• Original Release of this Document.


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn