データシートサーチシステム |
|
AD5321BRMZ-REEL1 データシート(PDF) 7 Page - Analog Devices |
|
AD5321BRMZ-REEL1 データシート(HTML) 7 Page - Analog Devices |
7 / 24 page AD5301/AD5311/AD5321 Rev. B | Page 7 of 24 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS A0 PD VOUT GND VDD SCL SDA A1 AD5301/ AD5311/ AD5321 1 2 3 4 8 7 6 5 TOP VIEW (Not to Scale) GND SDA SCL VDD A0 VOUT AD5301/ AD5311/ AD5321 1 2 3 6 5 4 TOP VIEW (Not to Scale) Figure 3. 8-Lead MSOP (RM-8) Pin Configuration Figure 4. 6-Lead SOT-23 (RJ-6) Pin Configuration Table 5. Pin Function Descriptions MSOP Pin No. SOT-23 Pin No. Mnemonic Description 1 6 VDD Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and the supply should be decoupled with a 10 μF in parallel with a 0.1 μF capacitor to GND. 2 5 A0 Address Input. Sets the least significant bit of the 7-bit slave address. 3 N/A A1 Address Input. Sets the second least significant bit of the 7-bit slave address. 4 4 VOUT Buffered Analog Output Voltage from the DAC. The output amplifier has rail-to-rail operation. 5 N/A PD Active Low Control Input. Acts as a hardware power-down option. This pin overrides any software power-down option. The DAC output goes three-state and the current consumption of the part drops to 50 nA @ 3 V (200 nA @ 5 V). 6 3 SCL Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 16-bit input shift register. Clock rates of up to 400 kbps can be accommodated in the I2C-compatible interface. SCL may be CMOS/TTL driven. 7 2 SDA Serial Data Line. This is used in conjunction with the SCL line to clock data into the 16-bit input shift register during the write cycle and to read back one or two bytes of data (one byte for the AD5301, two bytes for the AD5311/AD5321) during the read cycle. It is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up resistor. If not used in readback mode, SDA may be CMOS/TTL driven. 8 1 GND Ground Reference Point for All Circuitry on the Part. |
同様の部品番号 - AD5321BRMZ-REEL1 |
|
同様の説明 - AD5321BRMZ-REEL1 |