データシートサーチシステム |
|
TCN75-3.3MOA データシート(PDF) 10 Page - Microchip Technology |
|
TCN75-3.3MOA データシート(HTML) 10 Page - Microchip Technology |
10 / 20 page TCN75 DS21490D-page 10 2001-2012 Microchip Technology Inc. 5.0 REGISTER SET AND PROGRAMMER’S MODEL TABLE 5-2: CONFIGURATION REGISTER (CONFIG), 8 BITS, READ/ WRITE D0: Shutdown: 0 = Normal Operation 1 = Shutdown Mode D1: CMPTR/INT: 0 = Comparator Mode 1 = Interrupt Mode D2: INT/CMPTR POLARITY: 0 = Active Low 1 = Active High D3 – D4: Fault Queue: Number of sequential temperature-to-digital conversions with the same result before the INT/CMPTR output is updated: TABLE 5-1: REGISTER (POINT), 8 BITS, WRITE ONLY D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] Must Be Set To Zero Pointer Register Selection Via the Pointer Register D1 D0 Register Selection 00 TEMP 01 CONFIG 10 THYST 11 TSET D [7] D [6] D [5] D [4] D [3] D [2] D [1] D [0] Must Be Set To Zero Fault Queue INT/ CMPTR, Polarity COM P/INT Shut- down D4 D3 Number of Conversions 00 1 (Power-up default) 01 2 10 4 11 6 |
同様の部品番号 - TCN75-3.3MOA |
|
同様の説明 - TCN75-3.3MOA |