データシートサーチシステム |
|
AD7829BRUZ-REEL71 データシート(PDF) 11 Page - Analog Devices |
|
AD7829BRUZ-REEL71 データシート(HTML) 11 Page - Analog Devices |
11 / 28 page AD7822/AD7825/AD7829 Rev. C | Page 11 of 28 A suggestion is to tie CONVST to VDD or DGND through a pull-up or pull-down resistor. A rising edge on the CONVST pin causes the AD7829 to fully power up, while a rising edge on the PD pin causes the AD7822 and AD7825 to fully power up. For applica- tions where power consumption is of concern, the automatic power-down at the end of a conversion should be used to improve power performance (see the Power vs. Throughput section). SUPPLY 4.5V TO 5.5V 10µF 0.1µF VDD VREF VMID VIN1 1.25V TO 3.75V INPUT VIN24 VIN4(VIN85) AGND DB0 TO DB7 EOC RD CS CONVST A01 A11 A22 PD3 PARALLEL INTERFACE µC/µP AD7822/ AD7825/ AD7829 DGND 2.5V AD780 1A0, A1 AD7825/AD7829 2A2 AD7829 3PD AD7822/AD7825 4VIN2 TO VIN4 AD7825/AD7829 5VIN5 TO VIN8 AD7829 Figure 9. Typical Connection Diagram ADC TRANSFER FUNCTION The output coding of the AD7822/AD7825/AD7829 is straight binary. The designed code transitions occur at successive integer LSB values (that is, 1 LSB, 2 LSBs, and so on). The LSB size = VREF/256 (VDD = 5 V) or the LSB size = (0.8 VREF)/256 (VDD = 3 V). The ideal transfer characteristic for the AD7822/AD7825/ AD7829 is shown in Figure 10. 11111111 111...110 111...000 10000000 000...111 000...010 00000000 (VDD = 5V) 1LSB = VREF/256 (VDD = 3V) 1LSB = 0.8VREF/256 000...001 1LSB VMID (VDD = 5V) VMID – 1.25V (VDD = 3V) VMID – 1V VMID + 1.25V – 1LSB VMID + 1V – 1LSB ANALOG INPUT VOLTAGE Figure 10. Transfer Characteristic ANALOG INPUT The AD7822 has a single input channel, and the AD7825 and AD7829 have four and eight input channels, respectively. Each input channel has an input span of 2.5 V or 2.0 V, depending on the supply voltage (VDD). This input span is automatically set up by an on-chip VDD detector circuit. A 5 V operation of the ADCs is detected when VDD exceeds 4.1 V, and a 3 V operation is detected when VDD falls below 3.8 V. This circuit also possesses a degree of glitch rejection; for example, a glitch from 5.5 V to 2.7 V up to 60 ns wide does not trip the VDD detector. The VMID pin is used to center this input span anywhere in the range of AGND to VDD. If no input voltage is applied to VMID, the default input range is AGND to 2.0 V (VDD = 3 V ± 10%), that is, centered about 1.0 V; or AGND to 2.5 V (VDD = 5 V ± 10%), that is, centered about 1.25 V. When using the default input range, the VMID pin can be left unconnected, or in some cases, it can be decoupled to AGND with a 0.1 μF capacitor. If, however, an external VMID is applied, the analog input range is from VMID − 1.0 V to VMID + 1.0 V (VDD = 3 V ± 10%), or from VMID − 1.25 V to VMID + 1.25 V (VDD = 5 V ± 10%). The range of values of VMID that can be applied depends on the value of VDD. For VDD = 3 V ± 10%, the range of values that can be applied to VMID is from 1.0 V to VDD − 1.0 V and from 1.25 V to VDD − 1.25 V when VDD = 5 V ± 10%. Table 5 shows the relevant ranges of VMID and the input span for various values of VDD. Figure 11 illustrates the input signal range available with various values of VMID. Table 5. VDD VMID Internal VMID Ext Max VIN Span VMID Ext Min VIN Span Unit 5.5 1.25 4.25 3.0 to 5.5 1.25 0 to 2.5 V 5.0 1.25 3.75 2.5 to 5.0 1.25 0 to 2.5 V 4.5 1.25 3.25 2.0 to 4.5 1.25 0 to 2.5 V 3.3 1.00 2.3 1.3 to 3.3 1.00 0 to 2.0 V 3.0 1.00 2.0 1.0 to 3.0 1.00 0 to 2.0 V 2.7 1.00 1.7 0.7 to 2.7 1.00 0 to 2.0 V |
同様の部品番号 - AD7829BRUZ-REEL71 |
|
同様の説明 - AD7829BRUZ-REEL71 |