データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9212ABCPZ-65 データシート(PDF) 3 Page - Analog Devices

部品番号 AD9212ABCPZ-65
部品情報  Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9212ABCPZ-65 データシート(HTML) 3 Page - Analog Devices

  AD9212ABCPZ-65 Datasheet HTML 1Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 2Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 3Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 4Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 5Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 6Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 7Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 8Page - Analog Devices AD9212ABCPZ-65 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Data Sheet
AD9212
Rev. E | Page 3 of 56
REVISION HISTORY
12/11—Rev. D to Rev. E
Changes to Output Signals Section and Figure 70......................37
Changed Default Operation and Jumper Selection Settings
Section ..............................................................................................38
Added Endnote 2 in Ordering Guide ...........................................56
5/10—Rev. C to Rev. D
Deleted LFCSP CP-64-3 Package ..................................... Universal
Changes to output_phase Register, Table 16 ...............................33
Deleted Figure 85; Renumbered Sequentially .............................55
Updated Outline Dimensions........................................................55
Changes to Ordering Guide...........................................................55
12/09—Rev. B to Rev. C
Updated Outline Dimensions........................................................55
Changes to Ordering Guide...........................................................56
7/09—Rev. A to Rev. B
Changes to Figure 5.........................................................................10
Changes to Figure 49 and Figure 50 .............................................21
Changes to Figure 63 and Figure 64 .............................................28
Updated Outline Dimensions........................................................55
12/07—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Changes to Figure 1...........................................................................1
Changes to Crosstalk Parameter .....................................................3
Changes to Logic Output (SDIO/ODM)........................................5
Changes to Figure 2 to Figure 4.......................................................7
Changes to Figure 59 ......................................................................24
Changes to Table 9 Endnote ..........................................................26
Changes to Digital Outputs and Timing Section........................27
Added Table 10 ................................................................................27
Changes to Table 11 and Table 12.................................................27
Changes to RBIAS Pin Section......................................................28
Deleted Figure 63 to Figure 66 ......................................................28
Moved Figure 65..............................................................................28
Changes to Serial Port Interface (SPI) Section............................30
Changes to Hardware Interface Section.......................................30
Changes to Table 15 ........................................................................31
Changes to Reading the Memory Map Table Section ................32
Added Applications Information and Design Guidelines
Sections.............................................................................................35
Changes to Input Signals Section..................................................36
Changes to Output Signals Section...............................................36
Changes to Figure 70 ......................................................................36
Changes to Default Operation and Jumper Selection Settings
Section ..............................................................................................37
Changes to Alternative Analog Input Drive Configuration
Section ..............................................................................................38
Changes to Figure 73 ......................................................................38
Change to Figure 75........................................................................40
Changes to Figure 76 ......................................................................41
Changes to Figure 80 ......................................................................45
Changes to Table 17 ........................................................................52
Updated Outline Dimensions........................................................55
Changes to Ordering Guide...........................................................55
10/06—Revision 0: Initial Version


同様の部品番号 - AD9212ABCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9212ABCPZ-65 AD-AD9212ABCPZ-65 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
More results

同様の説明 - AD9212ABCPZ-65

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9212 AD-AD9212 Datasheet
2Mb / 56P
   Octal, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com