データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WYO472MCMCRAKR データシート(PDF) 3 Page - Vishay Siliconix

部品番号 WYO472MCMCRAKR
部品情報  AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WYO472MCMCRAKR データシート(HTML) 3 Page - Vishay Siliconix

  WYO472MCMCRAKR Datasheet HTML 1Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 2Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 3Page - Vishay Siliconix WYO472MCMCRAKR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WYO Series
www.vishay.com
Vishay Draloric
Revision: 10-Apr-13
3
Document Number: 22202
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (typical)
IMPEDANCE VS. FREQUENCY (typical)
APPROVALS
IEC 60384-14.3 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y2-capacitor: CB test certificate:
US-19593-UL
1 nF to 12 nF
250 VAC
X1-capacitor: CB test certificate:
US-19593-UL
1 nF to 12 nF
440 VAC
Minimum thickness of insulation: 0.4 mm
VDE
Y2-capacitor: VDE marks approval:
133769
1 nF to 12 nF
250 VAC
X1-capacitor: VDE marks approval:
133769
1 nF to 12 nF
440 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Minimum thickness of insulation: 0.4 mm
Underwriters Laboratories Inc./Canadian Standards Association
Y2-capacitor: UL-test certificate:
E183844
1 nF to 12 nF
250 VAC
X1-capacitor: UL-test certificate:
E183844
1 nF to 12 nF
440 VAC
UL 60384-14.1, CSA E60384-1:03 2nd edition, CSA E60384-14:09 2nd edition
Across-the-line, antenna-coupling and line-by-pass component
Minimum thickness of insulation: 0.4 mm
0
1000
2000
3000
4000
0
500
1000
1500
2000
2500
U
R (V~)
4.7 nF
8.2 nF
1 nF
3.3 nF
2.2 nF
0.01
0.1
1
10
100
0.1
1
10
100
f (MHz)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22001
CB Test Certificate
www.vishay.com/doc?22225
VDE Marks Approval
www.vishay.com/doc?22227
UL Test Certificate
www.vishay.com/doc?22226


同様の部品番号 - WYO472MCMCRAKR

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
More results

同様の説明 - WYO472MCMCRAKR

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com