データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3101EACPZ-250R71 データシート(PDF) 5 Page - Analog Devices

部品番号 ADM3101EACPZ-250R71
部品情報  짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3101EACPZ-250R71 データシート(HTML) 5 Page - Analog Devices

  ADM3101EACPZ-250R71 Datasheet HTML 1Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 2Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 3Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 4Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 5Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 6Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 7Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 8Page - Analog Devices ADM3101EACPZ-250R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM3101E
Rev. C | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
C1+
2
ROUT
3
TIN
9RIN
8TOUT
7V–
PIN 1
INDICATOR
ADM3101E
TOP VIEW
(Not to Scale)
NOTES
1. PADDLE CONNECTED TO GND. THIS CONNECTION IS NOT
REQUIRED TO MEET THE ELECTRICAL PERFORMANCES.
Figure 2. LFCSP Pin Configuration
NC = NO CONNECT
1
2
3
4
5
6
7
8
C1+
NC
ROUT
V+
NC
TIN
C1–
VCC
16
15
14
13
12
11
10
9
C2–
NC
RIN
V–
GND
NC
TOUT
C2+
TOP VIEW
(Not to Scale)
ADM3101E
Figure 3. QSOP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
QSOP
1, 12
2, 1
C1+, C1−
Positive and Negative Connections for Charge Pump Capacitor. External Capacitor C1 is connected
between these pins; a 0.1 μF capacitor is recommended, but larger capacitors up to 10 μF can be used.
2
4
ROUT
Receiver Output. This pin outputs CMOS output logic levels.
3
5
TIN
Transmitter (Driver) Input. This input accepts TTL/CMOS levels.
4
7
V+
Internally Generated Positive Supply (+6 V Nominal).
5
8
VCC
Power Supply Input, 3.0 V to 5.5 V.
6
9
GND
Ground. Must be connected to 0 V.
7
10
V–
Internally Generated Negative Supply (−6 V Nominal).
8
12
TOUT
Transmitter (Driver) Output. This pin outputs RS-232 signal levels (typically ±6 V).
9
13
RIN
Receiver Input. This input accepts RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is
connected on the input.
10, 11
15, 16
C2−, C2+
Positive and Negative Connections for Charge Pump Capacitor. External Capacitor C2 is connected
between these pins; a 0.1 μF capacitor is recommended, but larger capacitors up to 10 μF can be used.
N/A
3, 6, 11, 14
NC
No Connect. These pins should always remain unconnected.


同様の部品番号 - ADM3101EACPZ-250R71

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3101EACPZ-250R7 AD-ADM3101EACPZ-250R7 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
More results

同様の説明 - ADM3101EACPZ-250R71

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3101E AD-ADM3101E_V01 Datasheet
297Kb / 12P
   짹15 kV ESD Protected, 3.3 V Single-Channel RS-232 Line Driver/Receiver
Rev. D
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com