データシートサーチシステム |
|
ADR06ARZ-REEL7 データシート(PDF) 7 Page - Analog Devices |
|
ADR06ARZ-REEL7 データシート(HTML) 7 Page - Analog Devices |
7 / 20 page Data Sheet ADR01/ADR02/ADR03/ADR06 Rev. R | Page 7 of 20 ADR06 ELECTRICAL CHARACTERISTICS VIN = 5.0 V to 36.0 V, VIN = 5.0 V to 26.0 V for ADR06WARZ, TA = 25°C, unless otherwise noted. Table 5. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A and C grades 2.994 3.000 3.006 V INITIAL ACCURACY VOERR A and C grades 6 mV 0.2 % OUTPUT VOLTAGE VO B grade 2.997 3.000 3.003 V INITIAL ACCURACY VOERR B grade 3 mV 0.1 % TEMPERATURE COEFFICIENT TCVO A grade, 8-lead SOIC, –40°C < TA < +125°C 3 10 ppm/°C A grade, 5-lead TSOT, –40°C < TA < +125°C 25 ppm/°C A grade, 5-lead SC70, –40°C < TA < +125°C 25 ppm/°C B grade, 8-lead SOIC, –40°C < TA < +125°C 1 3 ppm/°C B grade, 5-lead TSOT, –40°C < TA < +125°C 9 ppm/°C B grade, 5-lead SC70, –40°C < TA < +125°C 9 ppm/°C C grade, 8-lead SOIC, –40°C < TA < +125°C 10 40 ppm/°C DROPOUT VOLTAGE VDO 2 V LINE REGULATION ∆VO/∆VIN VIN = 5.0 V to 36.0 V, VIN = 5.0 V to 26.0 V for ADR06WARZ, –40°C < TA < +125°C 7 30 ppm/V LOAD REGULATION ∆VO/∆ILOAD ILOAD = 0 mA to 10 mA, –40°C < TA < +125°C, VIN = 7.0 V 40 70 ppm/mA QUIESCENT CURRENT IIN No load, –40°C < TA < +125°C 0.65 1 mA VOLTAGE NOISE eN p-p 0.1 Hz to 10.0 Hz 10 µV p-p VOLTAGE NOISE DENSITY eN 1 kHz 510 nV/√Hz TURN-ON SETTLING TIME tR 4 µs LONG-TERM STABILITY1 ∆VO 1000 hours 50 ppm OUTPUT VOLTAGE HYSTERESIS ∆VO_HYS 70 ppm RIPPLE REJECTION RATIO RRR fIN = 10 kHz –75 dB SHORT CIRCUIT TO GND ISC 30 mA TEMPERATURE SENSOR Voltage Output at TEMP Pin VTEMP 550 mV Temperature Sensitivity TCVTEMP 1.96 mV/°C 1 The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period. |
同様の部品番号 - ADR06ARZ-REEL7 |
|
同様の説明 - ADR06ARZ-REEL7 |