データシートサーチシステム |
|
ADV7180WBCP32Z-RL データシート(PDF) 9 Page - Analog Devices |
|
ADV7180WBCP32Z-RL データシート(HTML) 9 Page - Analog Devices |
9 / 120 page Data Sheet ADV7180 Rev. G | Page 9 of 120 VIDEO SPECIFICATIONS Guaranteed by characterization. AVDD = 1.71 V to 1.89 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 1.62 V to 3.6 V, PVDD = 1.65 V to 2.0 V, specified at operating temperature range, unless otherwise noted. Table 4. Parameter Symbol Test Conditions/Comments Min Typ Max Unit NONLINEAR SPECIFICATIONS Differential Phase DP CVBS input, modulate five-step [NTSC] 0.6 Degrees Differential Gain DG CVBS input, modulate five-step [NTSC] 0.5 % Luma Nonlinearity LNL CVBS input, five-step [NTSC] 2.0 % NOISE SPECIFICATIONS SNR Unweighted Luma ramp 57.1 dB Luma flat field 58 dB Analog Front-End Crosstalk 60 dB LOCK TIME SPECIFICATIONS Horizontal Lock Range −5 +5 % Vertical Lock Range 40 70 Hz fSC Subcarrier Lock Range ±1.3 kHz Color Lock-In Time 60 Lines Sync Depth Range 20 200 % Color Burst Range 5 200 % Vertical Lock Time 2 Fields Autodetection Switch Speed 100 Lines Chroma Luma Gain Delay CVBS 2.9 ns Y/C 5.6 ns YPrPb −3.0 ns LUMA SPECIFICATIONS Luma Brightness Accuracy CVBS, 1 V input 1 % Luma Contrast Accuracy CVBS, 1 V input 1 % |
同様の部品番号 - ADV7180WBCP32Z-RL |
|
同様の説明 - ADV7180WBCP32Z-RL |