データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1816-5ARTZ-REEL2 データシート(PDF) 6 Page - Analog Devices

部品番号 ADM1816-5ARTZ-REEL2
部品情報  Microprocessor Reset Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1816-5ARTZ-REEL2 データシート(HTML) 6 Page - Analog Devices

Back Button ADM1816-5ARTZ-REEL2 Datasheet HTML 2Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 3Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 4Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 5Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 6Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 7Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 8Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 9Page - Analog Devices ADM1816-5ARTZ-REEL2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1810 to ADM1813/ADM1815 to ADM1818
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
10
0
2
4
6
8
–40
120
100
85
70
50
30
20
0
–20
TEMPERATURE (
°C)
ICC @VCC = 3V
ICC @VCC = 5.5V
Figure 4. Supply Current vs. Temperature
900
800
700
600
500
400
300
200
100
0
TEMPERATURE (
°C)
–40
120
100
85
70
50
30
20
0
–20
VOD = 20mV
VOD = 125mV
VOD = 200mV
Figure 5. Power-Down Reset Delay vs. Temperature
380
370
360
350
340
330
320
310
300
290
TEMPERATURE (
°C)
–40
120
100
85
70
50
30
20
0
–20
Figure 6. Power-Up Reset Timeout vs. Temperature
1.011
0.995
0.997
0.999
1.001
1.003
1.005
1.007
1.009
–40
120
100
85
70
50
30
20
0
–20
TEMPERATURE (
°C)
DEVIATION (RISE)
DEVIATION (FALL)
Figure 7. Normalized Reset Threshold vs. Temperature
60
0
10
20
30
40
50
10
1000
800
600
400
200
100
80
60
40
30
VTH – VCC (mV)
Figure 8. Maximum Transient Duration Without Causing a Reset Pulse vs.
Reset Comparator Overdrive


同様の部品番号 - ADM1816-5ARTZ-REEL2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1816-10ART-REEL AD-ADM1816-10ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-10ART-RL7 AD-ADM1816-10ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-20ART-REEL AD-ADM1816-20ART-REEL Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
ADM1816-20ART-RL7 AD-ADM1816-20ART-RL7 Datasheet
66Kb / 4P
   Microprocessor Reset Circuits
REV. 0
More results

同様の説明 - ADM1816-5ARTZ-REEL2

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com