データシートサーチシステム |
|
AD5660BRJZ-1500RL7 データシート(PDF) 3 Page - Analog Devices |
|
AD5660BRJZ-1500RL7 データシート(HTML) 3 Page - Analog Devices |
3 / 28 page AD5620/AD5640/AD5660 Rev. F | Page 3 of 28 SPECIFICATIONS AD5620/AD5640/AD5660-2-3 VDD = 4.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, CREFOUT = 100 nF; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter A Grade1 B Grade1 C Grade1 Unit Conditions/Comments STATIC PERFORMANCE2 AD5660 Resolution 16 16 16 Bits min Relative Accuracy ±32 ±16 ±16 LSB max Differential Nonlinearity ±1 ±1 ±1 LSB max Guaranteed monotonic by design AD5640 Resolution 14 14 14 Bits min Relative Accuracy ±8 ±4 ±4 LSB max Differential Nonlinearity ±0.5 ±0.5 ±0.5 LSB max Guaranteed monotonic by design AD5620 Resolution 12 12 12 Bits min Relative Accuracy ±6 ±1 ±1 LSB max Differential Nonlinearity ±0.25 ±0.25 ±0.25 LSB max Guaranteed monotonic by design Zero-Code Error 2 2 2 mV typ All 0s loaded to DAC register 10 10 10 mV max Offset Error ±10 ±10 ±10 mV max Full-Scale Error −0.15 −0.15 −0.15 % FSR typ All 1s loaded to DAC register ±1 ±1 ±1 % FSR max Gain Error ±1.5 ±1.5 ±1.5 % FSR max Zero-Code Error Drift ±2 ±2 ±2 μV/°C typ Gain Temperature Coefficient ±2.5 ±2.5 ±2.5 ppm typ Of FSR/°C DC Power Supply Rejection Ratio −75 −75 −75 dB typ DAC code = midscale; VDD = 5 V ± 10% OUTPUT CHARACTERISTICS3 Output Voltage Range 0 0 0 V min VDD VDD VDD V max Output Voltage Settling Time 8 8 8 μs typ ¼ to ¾ scale change settling to ±2 LSB 10 10 10 μs max RL = 2 kΩ; 0 pF < CL < 200 pF Slew Rate 1.5 1.5 1.5 V/μs typ ¼ to ¾ scale Capacitive Load Stability 2 2 2 nF typ RL = ∞ 10 10 10 nF typ RL = 2 kΩ Output Noise Spectral Density 80 80 80 nV/√Hz typ DAC code = midscale, 10 kHz Output Noise (0.1 Hz to 10 Hz) 45 45 45 μV p-p typ DAC code = midscale Digital-to-Analog Glitch Impulse 5 5 5 nV-s typ 1 LSB change around major carry Digital Feedthrough 0.1 0.1 0.1 nV-s typ DC Output Impedance 0.5 0.5 0.5 Ω typ Short-Circuit Current 30 30 30 mA typ VDD = 5 V Power-Up Time 5 5 5 μs typ Coming out of power-down mode; VDD = 5 V REFERENCE OUTPUT Output Voltage 2.495 2.495 2.495 V min At ambient 2.505 2.505 2.505 V max Reference TC3 ±10 ±10 ±5 ppm/°C typ ±10 ppm/°C max Output Impedance 7.5 7.5 7.5 kΩ typ |
同様の部品番号 - AD5660BRJZ-1500RL7 |
|
同様の説明 - AD5660BRJZ-1500RL7 |