データシートサーチシステム |
|
ADP160UJZ-REDYKIT データシート(PDF) 9 Page - Analog Devices |
|
ADP160UJZ-REDYKIT データシート(HTML) 9 Page - Analog Devices |
9 / 24 page Data Sheet ADP160/ADP161/ADP162/ADP163 Rev. G | Page 9 of 24 0.18 0 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 –40 –5 25 85 125 TEMPERATURE (°C) VIN = 2.9V VIN = 3.2V VIN = 3.8V VIN = 4.1V VIN = 4.7V VIN = 5.5V Figure 13. Shutdown Current vs. Temperature at Various Input Voltages 250 200 150 100 50 0 1 10 100 1000 ILOAD (mA) VOUT = 2V VOUT = 3.3V Figure 14. Dropout Voltage vs. Load Current (ILOAD) 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.00 3.1 3.2 3.3 3.4 3.5 3.6 VIN (V) LOAD = 1mA LOAD = 5mA LOAD = 10mA LOAD = 50mA LOAD = 100mA LOAD = 250mA Figure 15. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout 140 120 100 80 60 40 20 0 3.1 3.2 3.3 3.4 3.5 3.6 VIN (V) LOAD = 1mA LOAD = 5mA LOAD = 10mA LOAD = 50mA LOAD = 100mA LOAD = 150mA Figure 16. Ground Current vs. Input Voltage (VIN) in Dropout 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 17. Power Supply Rejection Ratio vs. Frequency, VOUT= 1.2 V,VIN =2.2V 0 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 10 100 10M 1M 100k 10k 1k FREQUENCY (Hz) LOAD = 150mA LOAD = 100mA LOAD = 10mA LOAD = 1mA LOAD = 100µA Figure 18. Power Supply Rejection Ratio vs. Frequency, VOUT= 2.5 V,VIN =3.5V |
同様の部品番号 - ADP160UJZ-REDYKIT |
|
同様の説明 - ADP160UJZ-REDYKIT |