データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMB2907A データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FMB2907A
部品情報  PNP Multi-Chip General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2907A データシート(HTML) 3 Page - Fairchild Semiconductor

  FMB2907A Datasheet HTML 1Page - Fairchild Semiconductor FMB2907A Datasheet HTML 2Page - Fairchild Semiconductor FMB2907A Datasheet HTML 3Page - Fairchild Semiconductor FMB2907A Datasheet HTML 4Page - Fairchild Semiconductor FMB2907A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
0.1
0.3
1
3
10
30
100
300
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Current
110
100
500
0
0.1
0.2
0.3
0.4
0.5
I - COLLECTOR CURRENT (mA)
C
β = 10
25 °C
- 40 ºC
125 ºC
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
500
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 ºC
125 ºC
β = 10
Base Emitter ON Voltage vs
Collector Current
0.1
1
10
25
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
- 40 ºC
125 ºC
Collector-Cutoff Current
vs. Ambient Temperature
25
50
75
100
125
0.01
0.1
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
º
V
= 35V
CB
Input and Output Capacitance
vs Reverse Bias Voltage
0.1
1
10
50
0
4
8
12
16
20
REVERSE BIAS VOLTAGE (V)
C ob
C ib
PNP Multi-Chip General Purpose Amplifier
(continued)


同様の部品番号 - FMB2907A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMB2907A FAIRCHILD-FMB2907A Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results

同様の説明 - FMB2907A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB3906 FAIRCHILD-FFB3906 Datasheet
81Kb / 6P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com