データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMER-G92Q-5017 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FMER-G92Q-5017
部品情報  Compact DC filter for photovoltaic systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FMER-G92Q-5017 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FMER-G92Q-5017 Datasheet HTML 1Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 2Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 3Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 4Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 5Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 6Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 7Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMER-G92Q-5017 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
3-Phase AC Filters / DC Filters
FMER SOL
www.schurter.com/pg80
EMC Products
DC filter for photovoltaic converters
Description
- Compact DC filter for photovoltaic systems
- High symmetrical and asymmetrical attenuation
- In the frequency range from 150kHz up to 300MHz
Standards
- IEC 60939
- UL 1283, Edition 5, CSA 22.2 No. 8-M1986, @ Ta 55 (75) °C
Approvals
- UL File Number: E72928
Applications
- Voltage up to 1200 VDC for world wide acceptance
- UL approved 1000VDC, 250 - 2300A and 600VDC, 25 - 150A
- Helps to meet international EMC standards
Weblinks
pdf-datasheet, html-datasheet, General Product Information,
Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Rated Current
25 - 2300 (1200) A @ Ta 55 (75) °C
Rated voltage
1200 VDC MAX.
Approval for
25 - 2300 A @ Ta 55 °C / 1200 VDC
Overload Current
1.5 x Ir
Number of Filter Stages
1-stage
Weight
1 - 32 kg
Material: Housing
Metal
Sealing Compound
UL 94V-0
Mounting
Screw-on mounting on chassis, from
top
Terminal
Screw clamps for types up to 150 A
and copper bars for types upwards of
250 A.
Operating Temperature [°C]
-40 °C to 100 °C
Climatic Category
40/100/21 acc. to IEC 60068-1
Degree of Protection
IP 20 (25A-150A types), IP 00
(250A-2300A types) acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140


同様の部品番号 - FMER-G92Q-5017

メーカー部品番号データシート部品情報
logo
Schurter Inc.
FME SCHURTER-FME Datasheet
325Kb / 1P
   Fuseholder Open Design, Holder for MSF 125, Panel Mount
logo
Sanken electric
FME-2104 SANKEN-FME-2104 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FME-2106 SANKEN-FME-2106 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FME-210B SANKEN-FME-210B Datasheet
291Kb / 7P
   Schottky Barrier Diode
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
   100V, 20A Schottky barrier diode in TO220F package
More results

同様の説明 - FMER-G92Q-5017

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
   DC Power SPD for Photovoltaic Applications
logo
Schurter Inc.
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
logo
NXP Semiconductors
SAA7310 PHILIPS-SAA7310 Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
logo
Transko Electronics, In...
TF-915AM-ND TRANSKO-TF-915AM-ND Datasheet
353Kb / 3P
   RF SAW Filter for mobile systems
Revision 0: Feb 2017
TA915EM TRANSKO-TA915EM Datasheet
409Kb / 3P
   RF SAW Filter for mobile systems
logo
Schurter Inc.
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com