データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFPSJ302.Z データシート(PDF) 1 Page - Littelfuse

部品番号 LFPSJ302.Z
部品情報  LFPSJ Powr-safe Dead front Class j fuse hold ers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFPSJ302.Z データシート(HTML) 1 Page - Littelfuse

  LFPSJ302.Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Blocks and Holders Datasheet
Rev: 021113
1 of 1
Specifications
Voltage Ratings
600 VAC/VDC
Interrupting Rating
200 kA
Ampere Rating
30 and 60 A
LEDs
110 V – 600 V
Terminal Type
Pressure Plate
Material
Thermoplastic
Flammability Rating
UL94 V-0
Terminal Screws
Phillips / Slotted
Approvals
UL Listed (File: E14721)
CSA Certified (File: 2529839)
Ordering Information
Multi-Pole Assembly Kit
Kits are used to create multi-pole holders from 1-pole LFPSJ
fuse holders. Please contact factory for more information.
Web Resources
Sample requests, downloadable CAD drawings and other
technical information: Littelfuse.com/lfpsj
Recommended Fuses
Class J - JTD, JTD_ID, JLS
72.00
(2.835)
108.00
(4.251)
72.08
(2.838)
49.00
(1.929)
7.00
(.276)
117.00
(4.606)
36.00
(1.417)
LFPSJ-ID
30A 600V
LFPSJ-ID
30A 600V
LFPSJ-ID
30A 600V
LFPSJ-ID
30A 600V
LFPSJ-ID
30A 600V
LFPSJ-ID
30A 600V
30 Amp
86.00
(3.386)
7.00
(.276)
58.00
(2.283)
116.00
(4.567)
40.00
(1.575)
LFPSJ-ID
60A 600V
LFPSJ-ID
60A 600V
LFPSJ-ID
60A 600V
LFPSJ-ID
60A 600V
LFPSJ-ID
60A 600V
LFPSJ-ID
60A 600V
80.00
(3.150)
120.00
(4.72)
60 Amp
LFPSJ Powr-SaFe DeaD Front CLaSS J FuSe hoLDerS
600 V
Description
Littelfuse Class J POWR-SAFE Dead Front holders
provide optimum protection to personnel and are
UL Listed and CSA Certified.
Features
• Indicating and non-indicating options available
• Dual LED indication distinguishes polarity in
DC power applications
• Small compact design offers ultimate flexibility
• 35mm DIN Rail Mountable
• 1-, 2-, and 3-pole configurations
• Easy installation and fuse removal with no
additional pullers or tools required
Dimensions Inches (mm)
Note: These dimensions are for reference only. Please contact factory for additional information.
PinCer
quantity
Pin
quantity
aSSeMbLy
SetS
orDering
nuMber
30
2
30
10
10
LF3J2PAK
30
3
60
10
10
LF3J3PAK
60
2
30
10
10
LF6J2PAK
60
3
60
10
10
LF6J3PAK
Connector Pincer
Handle Pin
orDering
nuMber
PaCk
qty.
wire
range
torque
30
1
LFPSJ301.Z
6
0.75mm2 – 1mm2
1.5mm2 – 50mm2
18 – 1 AWG
2.5 N-m
4.0 N-m
35 lb-in
2
LFPSJ302.Z
3
3
LFPSJ303.Z
2
30
1
LFPSJ301.ZXID
6
2
LFPSJ302.ZXID
3
3
LFPSJ303.ZXID
2
60
1
LFPSJ601.Z
6
2.5mm2 – 50mm2
14 – 1 AWG
4.0 N-m
35 lb-in
2
LFPSJ602.Z
3
3
LFPSJ603.Z
2
60
1
LFPSJ601.ZXID
6
2
LFPSJ602.ZXID
3
3
LFPSJ603.ZXID
2


同様の部品番号 - LFPSJ302.Z

メーカー部品番号データシート部品情報
logo
Littelfuse
LFPSJ302.Z LITTELFUSE-LFPSJ302.Z Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
LFPSJ302.ZXID LITTELFUSE-LFPSJ302.ZXID Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
More results

同様の説明 - LFPSJ302.Z

メーカー部品番号データシート部品情報
logo
Littelfuse
LFPSJ LITTELFUSE-LFPSJ_V01 Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
LPSM LITTELFUSE-LPSM Datasheet
502Kb / 1P
   LPSC/LPSM POWR-SAFE FUSE HOLDERS
LPSC0001ZXID LITTELFUSE-LPSC0001ZXID_V01 Datasheet
275Kb / 1P
   LPSC / LPSM POWR-SAFE FUSE HOLDERS
Rev: 083121
LPSC LITTELFUSE-LPSC Datasheet
502Kb / 1P
   LPSC/LPSM POWR-SAFE FUSE HOLDERS
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LPSM-QC LITTELFUSE-LPSM-QC Datasheet
407Kb / 1P
   LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
LPSM0001ZQCID LITTELFUSE-LPSM0001ZQCID Datasheet
408Kb / 1P
   LPSM QUICK CONNECT POWR-SAFE FUSE HOLDERS
Rev: 1-A- 021319
LFPSC LITTELFUSE-LFPSC Datasheet
286Kb / 1P
   LFPSC DEAD-FRONT FUSE HOLDERS
Rev: 032922