データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP27CJGB データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 OP27CJGB
部品情報  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

OP27CJGB データシート(HTML) 7 Page - Texas Instruments

Back Button OP27CJGB Datasheet HTML 3Page - Texas Instruments OP27CJGB Datasheet HTML 4Page - Texas Instruments OP27CJGB Datasheet HTML 5Page - Texas Instruments OP27CJGB Datasheet HTML 6Page - Texas Instruments OP27CJGB Datasheet HTML 7Page - Texas Instruments OP27CJGB Datasheet HTML 8Page - Texas Instruments OP27CJGB Datasheet HTML 9Page - Texas Instruments OP27CJGB Datasheet HTML 10Page - Texas Instruments OP27CJGB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
100
80
60
40
20
0
− 20
− 40
− 60
− 80
− 100
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
INPUT OFFSET VOLTAGE OF
REPRESENTATIVE INDIVIDUAL UNITS
vs
FREE-AIR TEMPERATURE
VCC ± = ± 15 V
10
5
0
WARM-UP CHANGE IN
INPUT OFFSET VOLTAGE
vs
ELAPSED TIME
12345
Time After Power On − minutes
VCC ± = ± 15 V
TA = 25°C
OP27C
OP27C
OP27A
OP27A
OP27C
OP27A
Figure 1
Figure 2
LONG-TERM DRIFT OF INPUT OFFSET VOLTAGE OF
REPRESENTATIVE INDIVIDUAL UNITS
6
2
4
0
− 2
− 4
− 6
012345678
Time − months
0.2-
μV/mo Trend Line
0.2-
μV/mo Trend Line
Figure 3


同様の部品番号 - OP27CJGB

メーカー部品番号データシート部品情報
logo
Texas Instruments
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI1-OP27CJGB Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

同様の説明 - OP27CJGB

メーカー部品番号データシート部品情報
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com