データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF20U20S データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FFPF20U20S
部品情報  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20U20S データシート(HTML) 2 Page - Fairchild Semiconductor

  FFPF20U20S Datasheet HTML 1Page - Fairchild Semiconductor FFPF20U20S Datasheet HTML 2Page - Fairchild Semiconductor FFPF20U20S Datasheet HTML 3Page - Fairchild Semiconductor FFPF20U20S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
0.0
0.5
1.0
1.5
2.0
T
C = 25
oC
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
0
100
200
300
400
500
600
Typical Capacitance
at 0V = 589 pF
Reverse Voltage , V
R
[V]
100
500
0
1
2
3
4
5
6
7
8
I
F = 20A
T
C
= 25
o
C
di/dt [A/
µs]
0
50
100
150
200
0.001
0.01
0.1
1
10
100
1000
T
C = 100
o
C
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
20
25
30
35
40
I
F = 20A
Tc = 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
5
10
15
20
25
30
Case Temperature , T
C [
o
C]
60
80
100
120
140
160
0
5
10
15
20
25
30
Case Temperature , T
C [
o
C]


同様の部品番号 - FFPF20U20S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF20U40S FAIRCHILD-FFPF20U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
FFPF20U40S ISC-FFPF20U40S Datasheet
242Kb / 2P
   Ultrafast Rectifier
logo
Fairchild Semiconductor
FFPF20U60DN FAIRCHILD-FFPF20U60DN Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20U60S FAIRCHILD-FFPF20U60S Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF20UA60DN FAIRCHILD-FFPF20UA60DN Datasheet
557Kb / 5P
   20A, 600V Ultra Fast II Rectifier
More results

同様の説明 - FFPF20U20S

メーカー部品番号データシート部品情報
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com