データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM3190TRQZ データシート(PDF) 6 Page - Analog Devices

部品番号 ADuM3190TRQZ
部品情報  High Stability Isolated Error Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM3190TRQZ データシート(HTML) 6 Page - Analog Devices

Back Button ADuM3190TRQZ Datasheet HTML 2Page - Analog Devices ADuM3190TRQZ Datasheet HTML 3Page - Analog Devices ADuM3190TRQZ Datasheet HTML 4Page - Analog Devices ADuM3190TRQZ Datasheet HTML 5Page - Analog Devices ADuM3190TRQZ Datasheet HTML 6Page - Analog Devices ADuM3190TRQZ Datasheet HTML 7Page - Analog Devices ADuM3190TRQZ Datasheet HTML 8Page - Analog Devices ADuM3190TRQZ Datasheet HTML 9Page - Analog Devices ADuM3190TRQZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADuM3190
Data Sheet
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Junction Temperature
−40°C to +150°C
Supply Voltages
VDD1, VDD21
−0.5 V to +24 V
VREG1, VREG21
−0.5 V to +3.6 V
Input Voltages (+IN, −IN)
−0.5 V to +3.6 V
Output Voltages
REFOUT, COMP, REFOUT1, EAOUT
−0.5 V to +3.6 V
EAOUT2
−0.5 V to +5.5 V
Output Current per Output Pin
−11 mA to +11 mA
Common-Mode Transients2
−100 kV/μs to +100 kV/μs
1
All voltages are relative to their respective grounds.
2
Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause
latch-up or permanent damage.
Table 8. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Constraint
WAVEFORM
AC Voltage
Bipolar
560
V peak
50-year minimum lifetime
Unipolar
1131
V peak
50-year minimum lifetime
DC Voltage
1131
V peak
50-year minimum lifetime
1
Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


同様の部品番号 - ADuM3190TRQZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADuM3190TRQZ AD-ADuM3190TRQZ Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190TRQZ AD-ADuM3190TRQZ Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADuM3190TRQZ-RL7 AD-ADuM3190TRQZ-RL7 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190TRQZ-RL7 AD-ADuM3190TRQZ-RL7 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
More results

同様の説明 - ADuM3190TRQZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190 Datasheet
476Kb / 16P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com